Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5100AM_NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5100AM_NOPB
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100AM_NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5100AM_NOPB Datasheet HTML 4Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 5Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 6Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 7Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 8Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 9Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 10Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 11Page - Texas Instruments LM5100AM_NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
-25 0
_
25 50
_ 75_100_125_150_
TEMPERATURE (
oC)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
-50
VHBH
VDDH
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
6.30
6.40
6.50
6.60
6.70
6.80
6.90
7.00
7.10
7.20
7.30
VHBR
VDDR
8
9
10
11
12
13
14
15
16
VDD, VHB (V)
0
50
100
150
200
250
300
350
400
IDD (LM5101A/B/C)
IDD (LM5100A/B/C)
IHB
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
IDD (LM5101A/B/C)
IDD (LM5100A/B/C)
IHB
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
IDDO (LM5101A/B/C)
IDDO (LM5100A/B/C)
IHBO
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 0 pF
CL = 4400 pF
CL = 1000 pF
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Operating Current
IHB
vs
vs
Temperature
Frequency
Figure 7.
Figure 8.
Quiescent Current
Quiescent Current
vs
vs
Supply Voltage
Temperature
Figure 9.
Figure 10.
Undervoltage Rising Thresholds
Undervoltage Threshold Hysteresis
vs
vs
Temperature
Temperature
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C


Similar Part No. - LM5100AM_NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100AMR TI1-LM5100AMR Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5100AMRX TI1-LM5100AMRX Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5100AMX TI1-LM5100AMX Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100AM_NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
[Old version datasheet]   3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
   HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com