Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1086CT-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM1086CT-5.0
Description  LM1086 1.5A Low Dropout Positive Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CT-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LM1086CT-5.0 Datasheet HTML 1Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 2Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 3Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 4Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 5Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 6Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 7Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 8Page - Texas Instruments LM1086CT-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LM1086
www.ti.com
SNVS039H – JUNE 2000 – REVISED MAY 2013
Electrical Characteristics (continued)
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
ILIMIT
Current Limit
LM1086-ADJ
VIN−VOUT = 5V
1.50
2.7
A
VIN−VOUT = 25V
0.05
0.15
A
LM1086-1.8,2.5, 2.85, 3.3, 3.45, VIN = 8V
1.5
2.7
A
LM1086-5.0, VIN = 10V
1.5
2.7
A
Minimum Load Current (6)
LM1086-ADJ
VIN −VOUT = 25V
5.0
10.0
mA
Quiescent Current
LM1086-1.8, 2.5, 2.85, VIN ≤ 18V
5.0
10.0
mA
LM1086-3.3, VIN ≤ 18V
5.0
10.0
mA
LM1086-3.45, VIN ≤ 18V
5.0
10.0
mA
LM1086-5.0, VIN ≤ 20V
5.0
10.0
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.008
0.04
%/W
Ripple Rejection
fRIPPLE = 120Hz, COUT = 25µF Tantalum,
IOUT = 1.5A
LM1086-ADJ, CADJ = 25µF, (VIN−VO) = 3V
60
75
dB
LM1086-1.8, 2.5, 2.85, VIN = 6V
60
72
dB
LM1086-3.3, VIN= 6.3V
60
72
dB
LM1086-3.45, VIN= 6.3V
60
72
dB
LM1086-5.0 VIN = 8V
60
68
dB
Adjust Pin Current
LM1086
55
120
µA
Adjust Pin Current
10mA
≤ IOUT ≤ IFULL LOAD,
Change
1.5V
≤ (VIN−VOUT) ≤ 15V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000Hrs
0.3
1.0
%
RMS Noise
10Hz
≤ f≤ 10kHz
0.003
%
(% of VOUT)
θJC
Thermal Resistance
3-Lead DDPAK/TO-263: Control Section/Output
1.5/4.0
°C/W
Junction-to-Case
Section
1.5/4.0
°C/W
3-Lead TO-220: Control Section/Output Section
(6)
The minimum output current required to maintain regulation.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1086


Similar Part No. - LM1086CT-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086CT-5.0 NSC-LM1086CT-5.0 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086CT-5.0 TI1-LM1086CT-5.0 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086CT-5.0 TI1-LM1086CT-5.0 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CT-5.0 TI1-LM1086CT-5.0 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086CT-5.0/NOPB TI1-LM1086CT-5.0/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
More results

Similar Description - LM1086CT-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com