Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV932MM_NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV932MM_NOPB
Description  LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV932MM_NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV932MM_NOPB Datasheet HTML 1Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 2Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 3Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 4Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 5Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 6Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 7Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 8Page - Texas Instruments LMV932MM_NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LMV931-N, LMV931-N-Q1, LMV932-N, LMV932-N-Q1
LMV934-N, LMV934-N-Q1
www.ti.com
SNOS993L – NOVEMBER 2001 – REVISED MARCH 2013
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes. See
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
(2)
(3)
(2)
CMRR
Common Mode Rejection Ratio
LMV931-N, 0
≤ VCM ≤ 1.5V
60
81
2.3V
≤ VCM ≤ 2.7V
(4)
55
LMV932-N and LMV934-N
55
80
0
≤ VCM ≤ 1.5V
50
dB
2.3V
≤ VCM ≤ 2.7V
(4)
−0.2V ≤ VCM ≤ 0V
50
74
2.7V
≤ VCM ≤ 2.9V
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
75
100
dB
VCM = 0.5V
70
VCM
Input Common-Mode Voltage
For CMRR
TA = 25°C
V
−0.2
−0.2 to 3.0
V+ +0.2
Range
Range
≥ 50dB
TA = −40°C to
V
V+
V
85°C
TA = 125°C
V+0.2
V+
−0.2
AV
Large Signal Voltage Gain
RL = 600Ω to 1.35V,
87
104
LMV931-N (Single)
VO = 0.2V to 2.5V
86
dB
RL = 2kΩ to 1.35V,
92
110
VO = 0.2V to 2.5V
91
Large Signal Voltage Gain
RL = 600Ω to 1.35V,
78
90
LMV932-N (Dual)
VO = 0.2V to 2.5V
75
dB
LMV934-N (Quad)
RL = 2kΩ to 1.35V,
81
100
VO = 0.2V to 2.5V
78
VO
Output Swing
RL = 600Ω to 1.35V
2.55
2.62
VIN = ±100mV
2.53
0.083
0.110
0.130
V
RL = 2kΩ to 1.35V
2.65
2.675
VIN = ±100mV
2.64
0.025
0.04
0.045
IO
Output Short Circuit Current(5)
Sourcing, VO = 0V
20
30
VIN = 100mV
15
mA
Sinking, VO = 0V
18
25
VIN = −100mV
12
(4)
For guaranteed temperature ranges, see Input Common-Mode Voltage Range specifications.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and RL > 1 MΩ.
Boldface limits apply at the temperature extremes. See
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
SR
Slew Rate
See(4)
0.4
V/µs
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Applications section for information of temperature derating of the device. Absolute
Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded, either mechanically or
electrically.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
(4)
Connected as voltage follower with input step from Vto V+. Number specified is the slower of the positive and negative slew rates.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Similar Part No. - LMV932MM_NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV932MM/NOPB TI-LMV932MM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932MM/NOPB TI1-LMV932MM/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Similar Description - LMV932MM_NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV324-N-Q1 TI-LMV324-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321-N-Q1 TI-LMV321-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358-N-Q1 TI-LMV358-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com