Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2US3T1A1M7RE Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2US3T1A1M7RE
Description  Toggle Switches Ultra-Minature - Sealed
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2US3T1A1M7RE Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2US3T1A1M7RE Datasheet HTML 1Page - List of Unclassifed Manufacturers 2US3T1A1M7RE Datasheet HTML 2Page - List of Unclassifed Manufacturers 2US3T1A1M7RE Datasheet HTML 3Page - List of Unclassifed Manufacturers 2US3T1A1M7RE Datasheet HTML 4Page - List of Unclassifed Manufacturers 2US3T1A1M7RE Datasheet HTML 5Page - List of Unclassifed Manufacturers 2US3T1A1M7RE Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Toggle Switches
Ultra-Minature - Sealed
Page 4
21/03/08 V1.1
Temperature Profile
Zone
Room Temperature
(°C)
Time
(seconds)
Pre-heat (A)
150°C
Minimum 120
Soak (B)
180°C to 200°C
Minimum 150
Peak (C)
200°C to 235°C
Minimum 30
Peak (D)
235°C to 260°C
Minimum 40
Peak (E)
260°C
Maximum 10
Specifications
Mom = Momentary
Number
of Poles
Switch Function
Connected Terminals/Schematic
Model Number
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
SP
On
None
On
5 - 6
N/A
5 - 4
2US1
Mom
2US2
Off
On
Open
2US3
DP
On
None
2 - 3, 5 - 6
N/A
2 - 1, 5 - 4
2UD1
Mom
2UD2
On
Off
On
Open
2UD3


Similar Description - 2US3T1A1M7RE

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com