Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575HVS-15 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVS-15
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVS-15 Datasheet(HTML) 3 Page - Texas Instruments

  LM2575HVS-15 Datasheet HTML 1Page - Texas Instruments LM2575HVS-15 Datasheet HTML 2Page - Texas Instruments LM2575HVS-15 Datasheet HTML 3Page - Texas Instruments LM2575HVS-15 Datasheet HTML 4Page - Texas Instruments LM2575HVS-15 Datasheet HTML 5Page - Texas Instruments LM2575HVS-15 Datasheet HTML 6Page - Texas Instruments LM2575HVS-15 Datasheet HTML 7Page - Texas Instruments LM2575HVS-15 Datasheet HTML 8Page - Texas Instruments LM2575HVS-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
Connection Diagrams
(XX indicates output voltage option.)
Top View
Top View
Side View
Figure 2. Straight Leads
Figure 3. Bent, Staggered Leads
Figure 4. LM2575T-XX Flow LB03
or
5-Lead TO-220 Package
5-Lead TO-220 Package
LM2575HVT-XX Flow LB03
LM2575T-XX or LM2575HVT-XX
See Package Number NDH0005D
See Package Number NDH0005D
See Package Number KC0005A
Top View
Top View
*No Internal Connection
*No Internal Connection
Figure 5. 16-Lead CDIP and PDIP Packages
Figure 6. 24-Lead Surface Mount SOIC Package
LM2575N-XX or LM2575HVN-XX
LM2575M-XX or LM2575HVM-XX
LM1575J-XX-QML
See Package Number DW0024B
See Package Numbers NFE0016A and NBG
Top View
Figure 7. DDPAK/TO-263 Package
5-Lead Surface-Mount Package
See Package Number KTT0005B
Side View
Figure 8. LM2575S-XX or LM2575HVS-XX
See Package Number KTT0005B
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1575 LM2575-N LM2575HV


Similar Part No. - LM2575HVS-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575HVS-15 NSC-LM2575HVS-15 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-15 NSC-LM2575HVS-15 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575HVS-15 TI1-LM2575HVS-15 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-15 TI1-LM2575HVS-15 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-15/NOPB TI1-LM2575HVS-15/NOPB Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Similar Description - LM2575HVS-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com