Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2596S-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2596S-5.0
Description  LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596S-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM2596S-5.0 Datasheet HTML 1Page - Texas Instruments LM2596S-5.0 Datasheet HTML 2Page - Texas Instruments LM2596S-5.0 Datasheet HTML 3Page - Texas Instruments LM2596S-5.0 Datasheet HTML 4Page - Texas Instruments LM2596S-5.0 Datasheet HTML 5Page - Texas Instruments LM2596S-5.0 Datasheet HTML 6Page - Texas Instruments LM2596S-5.0 Datasheet HTML 7Page - Texas Instruments LM2596S-5.0 Datasheet HTML 8Page - Texas Instruments LM2596S-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
LM2596
www.ti.com
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
LM2596-3.3 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range
LM2596-3.3
Units
Symbol
Parameter
Conditions
Typ
Limit
(Limits)
(1)
(2)
SYSTEM PARAMETERS (3) Test Circuit Figure 20
VOUT
Output Voltage
4.75V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
3.3
V
3.168/3.135
V(min)
3.432/3.465
V(max)
η
Efficiency
VIN = 12V, ILOAD = 3A
73
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2596 is used as shown in the Figure 20 test circuit, system performance will be
as shown in system parameters of Electrical Characteristics section.
LM2596-5.0 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range
LM2596-5.0
Units
Symbol
Parameter
Conditions
Typ
Limit
(Limits)
(1)
(2)
SYSTEM PARAMETERS (3) Test Circuit Figure 20
VOUT
Output Voltage
7V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
5.0
V
4.800/4.750
V(min)
5.200/5.250
V(max)
η
Efficiency
VIN = 12V, ILOAD = 3A
80
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2596 is used as shown in the Figure 20 test circuit, system performance will be
as shown in system parameters of Electrical Characteristics section.
LM2596-12 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range
LM2596-12
Units
Symbol
Parameter
Conditions
Typ
Limit
(Limits)
(1)
(2)
SYSTEM PARAMETERS (3) Test Circuit Figure 20
VOUT
Output Voltage
15V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 3A
12.0
V
11.52/11.40
V(min)
12.48/12.60
V(max)
η
Efficiency
VIN = 25V, ILOAD = 3A
90
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2596 is used as shown in the Figure 20 test circuit, system performance will be
as shown in system parameters of Electrical Characteristics section.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2596


Similar Part No. - LM2596S-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596S-5.0 NSC-LM2596S-5.0 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-5.0 TI1-LM2596S-5.0 Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
TECH PUBLIC Electronics...
LM2596S-5.0 TECHPUBLIC-LM2596S-5.0 Datasheet
2Mb / 8P
   3A / 150kHz Step-Down DC-DC Converter
logo
Guangdong Youtai Semico...
LM2596S-5.0 UMW-LM2596S-5.0 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
More results

Similar Description - LM2596S-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com