Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2596SX-5.0 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2596SX-5.0
Description  LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596SX-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM2596SX-5.0 Datasheet HTML 1Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 2Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 3Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 4Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 5Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 6Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 7Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 8Page - Texas Instruments LM2596SX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LM2596
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 1. 5-Lead Bent and Staggered Leads,
Figure 2. 5-Lead DDPAK/TO-263 (S) Package
Through Hole TO-220 (T) Package
See Package Number KTT0005B
See Package Number NDH0005D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Supply Voltage
45V
ON /OFF Pin Input Voltage
−0.3 ≤ V ≤ +25V
Feedback Pin Voltage
−0.3 ≤ V ≤+25V
Output Voltage to Ground (Steady State)
−1V
Power Dissipation
Internally limited
Storage Temperature Range
−65°C to +150°C
ESD Susceptibility
Human Body Model (3)
2 kV
Lead Temperature
DDPAK/TO-263 Package
Vapor Phase (60 sec.)
+215°C
Infrared (10 sec.)
+245°C
TO-220 Package (Soldering, 10 sec.)
+260°C
Maximum Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Operating Conditions
Temperature Range
−40°C ≤ TJ ≤ +125°C
Supply Voltage
4.5V to 40V
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2596


Similar Part No. - LM2596SX-5.0

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
LM2596SX-5.0 TECHPUBLIC-LM2596SX-5.0 Datasheet
2Mb / 8P
   3A / 150kHz Step-Down DC-DC Converter
More results

Similar Description - LM2596SX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com