Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69313 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYRF69313
Description  Programmable Radio-on-Chip LPstar
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69313 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYRF69313_13 Datasheet HTML 4Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 5Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 6Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 7Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 8Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 9Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 10Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 11Page - Cypress Semiconductor CYRF69313_13 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
CYRF69313
Document Number: 001-66503 Rev. *D
Page 8 of 81
Functional Block Overview
All the blocks that make up the PRoC LPstar are presented here.
2.4 GHz Radio
The radio transceiver is a dual conversion low IF architecture
optimized for power and range/robustness. The radio employs
channel matched filters to achieve high performance in the
presence of interference. An integrated Power Amplifier (PA)
provides up to 0 dBm transmit power, with an output power
control range of 30 dB in six steps. The supply current of the
device is reduced as the RF output power is reduced.
Frequency Synthesizer
Before transmission or reception may commence, it is necessary
for the frequency synthesizer to settle. The settling time varies
depending on channel; 25 fast channels are provided with a
maximum settling time of 100
s.
The ‘fast channels’ (<100
s settling time) are every third
frequency, starting at 2400 MHz up to and including 2472 MHz
(for example, 0,3,6,9…….69 and 72).
Baseband and Framer
The baseband and framer blocks provide the DSSS encoding
and decoding, SOP generation and reception and CRC16
generation and checking, and EOP detection and length field.
Data Rates and Data Transmission Modes
The SoC supports two different data transmission modes:
In GFSK mode, data is transmitted at 1 Mbps, without any
DSSS.
In DSSS mode eight bits (8DR, 32 chip) are encoded in each
derived code symbol transmitted, resulting in effective
250 Kbps data rate.
32 chip Pseudo Noise (PN) codes are supported. The two data
transmission modes apply to the data after the SOP. In particular
the length, data, and CRC16 are all sent in the same mode. In
general, DSSS reduce packet error rate in any environment.
Link Layer Modes
The CYRF69313 IC device supports the following data packet
framing features:
SOP
Packets begin with a two-symbol SoP marker. If framing is
disabled then an SOP event is inferred whenever two successive
correlations are detected. The SOP_CODE_ADR code used for
the SOP is different from that used for the “body” of the packet,
and if desired may be a different length. SOP must be configured
to be the same length on both sides of the link.
Length
Length field is the first eight bits after the SOP symbol, and is
transmitted at the payload data rate. An EoP condition is inferred
after reception of the number of bytes defined in the length field,
plus two bytes for the CRC16.
CRC16
The device may be configured to append a 16-bit CRC16 to each
packet. The CRC16 uses the USB CRC polynomial with the
added programmability of the seed. If enabled, the receiver
verifies the calculated CRC16 for the payload data against the
received value in the CRC16 field. The starting value for the
CRC16 calculation is configurable, and the CRC16 transmitted
may be calculated using either the loaded seed value or a zero
seed; the received data CRC16 is checked against both the
configured and zero CRC16 seeds.
CRC16 detects the following errors:
Any one bit in error
Any two bits in error (irrespective of how far apart, which
column, and so on)
Any odd number of bits in error (irrespective of the location)
An error burst as wide as the checksum itself
Figure 2 shows an example packet with SOP, CRC16 and
lengths fields enabled.
Table 1. Internal PA Output Power Step Table
PA Setting
Typical Output Power (dBm)
60
5–5
4–10
3–15
2–20
1–25
0–30
Figure 2. Example Default Packet Format
Preamble
SOP1
SOP2
<== P a y l o a d ==>
CRC 16
Length
Preamble N*16us
1st Framing Symbol*
2nd Framing Symbol*
Packet length 1 Byte Period
*Note: 32 us


Similar Part No. - CYRF69313_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69313-40LFXC CYPRESS-CYRF69313-40LFXC Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
CYRF69313-40LTXC CYPRESS-CYRF69313-40LTXC Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
More results

Similar Description - CYRF69313_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69303 CYPRESS-CYRF69303_13 Datasheet
700Kb / 70P
   Programmable Radio-on-Chip LPstar
CYRF69313 CYPRESS-CYRF69313 Datasheet
799Kb / 80P
   Programmable Radio-on-Chip LPstar
CYRF69303 CYPRESS-CYRF69303 Datasheet
689Kb / 69P
   Programmable Radio-on-Chip LPstar
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com