Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYRF69103-40LFXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYRF69103-40LFXC
Description  Programmable Radio on Chip Low Power
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103-40LFXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYRF69103-40LFXC Datasheet HTML 3Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 4Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 5Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 6Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 7Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 8Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 9Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 10Page - Cypress Semiconductor CYRF69103-40LFXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
CYRF69103
Document Number: 001-07611 Rev *I
Page 7 of 72
Functional Block Overview
All the blocks that make up the PRoC LP are presented in this
section.
2.4 GHz Radio
The radio transceiver is a dual conversion low IF architecture
optimized for power and range/robustness. The radio employs
channel matched filters to achieve high performance in the
presence of interference. An integrated Power Amplifier (PA)
provides up to +4 dBm transmit power, with an output power
control range of 34 dB in eight steps. The supply current of the
device is reduced as the RF output power is reduced.
Frequency Synthesizer
Before transmission or reception may commence, it is necessary
for the frequency synthesizer to settle. The settling time varies
depending on channel; 25 fast channels are provided with a
maximum settling time of 100
s.
The “fast channels” (<100
s settling time) are every 3rd
frequency, starting at 2400 MHz up to and including 2472 MHz
(that is, 0,3,6,9…….69 and 72).
Baseband and Framer
The baseband and framer blocks provide the DSSS encoding
and decoding, SOP generation and reception and CRC16
generation and checking, and EOP detection and length field.
Data Transmission Modes and Data Rates
The SoC supports four different data transmission modes:
In GFSK mode, data is transmitted at 1 Mbps, without any
DSSS.
In 8DR mode, 8 bits are encoded in each DATA_CODE_ADR
derived code symbol transmitted.
In DDR mode, 2 bits are encoded in each DATA_CODE_ADR
derived code symbol transmitted (as in the CYWUSB6934 DDR
mode).
In SDR mode, 1 bit is encoded in each DATA_CODE_ADR
derived code symbol transmitted (as in the CYWUSB6934
standard modes).
24
P1.2
GPIO
25
P1.3 / nSS
Slave Select
26
P1.4 / SCK SPI Clock
27
IRQ
Radio Function Interrupt output, configure High, Low or as Radio GPIO.
28
P1.5 / MOSI MOSI pin from microcontroller function to radio function.
29
MISO
3-wire SPI mode configured as Radio GPIO. In 4-wire SPI mode sends data to MCU function.
30
XOUT
Buffered CLK, PACTL_n or Radio GPIO.
31
PACTL
Control for external PA or Radio GPIO.
32
P1.6
GPIO
33
VIO
1.8 V to 3.6V to main power supply rail for Radio I/O.
34
RST
Radio Reset. Connected to pin 40 with 0.47
F. Must have a RST = HIGH event the very first time
power is applied to the radio otherwise the state of the radio control registers is unknown.
35
P1.7
GPIO
36
VDD1.8
Regulated logic bypass. Connected to 0.47
F to GND.
37
L/D
Inductor/Diode connection for Boost. When Internal PMU is not being used connect L/D to GND.
38
P0.7
GPIO
39
Vbat0
Connected to1.8 V to 3.6 V main power supply, through 0.047
F bypass C.
40
VREG
Boost regulator output voltage feedback
41
E-pad
Must be connected to ground.
42
Corner Tabs Do Not connect corner tabs.
Pin Definitions (continued)
Pin
Name
Description
Table 3. Internal PA Output Power Step Table
PA Setting
Typical Output Power (dBm)
7+4
60
5–5
4–10
3–15
2–20
1–25
0–30


Similar Part No. - CYRF69103-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103-40LFXC CYPRESS-CYRF69103-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power 16-bit free running timer
More results

Similar Description - CYRF69103-40LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF69103 CYPRESS-CYRF69103 Datasheet
2Mb / 73P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_13 Datasheet
845Kb / 86P
   Programmable Radio on Chip Low Power
CYWUSB6953 CYPRESS-CYWUSB6953_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_12 Datasheet
1Mb / 71P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_08 Datasheet
1Mb / 76P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_08 Datasheet
1Mb / 65P
   Programmable Radio on Chip Low Power
CYRF69103 CYPRESS-CYRF69103_10 Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213_12 Datasheet
843Kb / 85P
   Programmable Radio on Chip Low Power
CYRF69213 CYPRESS-CYRF69213 Datasheet
1Mb / 85P
   Programmable Radio on Chip Low Power
CYRF69103A-40LFXC CYPRESS-CYRF69103A-40LFXC Datasheet
1Mb / 68P
   Programmable Radio on Chip Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com