Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYF0036V Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYF0036V
Description  18/36/72-Mbit Programmable FIFOs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYF0036V Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYF0036V Datasheet HTML 5Page - Cypress Semiconductor CYF0036V Datasheet HTML 6Page - Cypress Semiconductor CYF0036V Datasheet HTML 7Page - Cypress Semiconductor CYF0036V Datasheet HTML 8Page - Cypress Semiconductor CYF0036V Datasheet HTML 9Page - Cypress Semiconductor CYF0036V Datasheet HTML 10Page - Cypress Semiconductor CYF0036V Datasheet HTML 11Page - Cypress Semiconductor CYF0036V Datasheet HTML 12Page - Cypress Semiconductor CYF0036V Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CYF0018V
CYF0036V
CYF0072V
Document Number: 001-53687 Rev. *M
Page 9 of 36
Retransmit from Mark Operation
The retransmit feature is useful for transferring packets of data
repeatedly. It enables the receipt of data to be acknowledged by
the receiver and retransmitted if necessary. Initiation of a
retransmit operation (using RT pin) resets the internal read
pointer to a physical location of the FIFO that is marked by the
user (using the MARK pin). With every valid read cycle after
retransmit, data is read out starting from the marked location and
the read pointer is incremented until the FIFO is empty. Data
written to FIFO after initiation of a retransmit operation are also
transmitted. The full depth of the FIFO can be repeatedly
retransmitted.
Flags are governed by the relative locations of the read and write
pointers and are updated during a retransmit cycle. Refer to the
latency table for the associated flag update latencies after
initiation of a retransmit cycle.
Asserting RT initiates a retransmit operation. The retransmit
feature can be used when two or more data words have been
written to the FIFO. When the MARK pin is asserted, the memory
location corresponding to the data present on the output bus is
marked. A mark operation is mandated prior to initiating a
Retransmit operation.
A retransmit operation should not be initiated when reads or
writes are in progress. User should wait for four RCLK cycles
after disabling reads before RT is asserted to ensure that the
reads are completed.
On initiation of RT the ‘marked’ location becomes the new Full
Boundary. If user continues to write the data after initiation of a
retransmit operation, FF will be asserted when this boundary is
reached i.e. FF is asserted once the write pointer reaches the
marked location.This prevents overwriting and data-loss. During
RT reads the full boundary remains frozen to the marked location
and is released when the FIFO becomes empty. i.e. FF remains
LOW until the entire FIFO is read. Full flag is released
LFF_RELEASE clocks after the EF is asserted. Full boundary is
also released on a reset operation (MRS or PRS).
Refer to Latency Table on page 16 for more details.
Programming Flag Offsets and Configuration
Registers
The CYF0072V has ten 8-bit user configurable registers. These
registers contain the almost-full (M) and almost-empty (N) offset
values which decide when the PAF and PAE flags are asserted.
These registers can be programmed in one of two ways: serial
loading or parallel loading method. The loading method is
selected using the SPI_SEN (Serial Enable) pin. A low on the
SPI_SEN selects the serial method for writing into the registers.
For serial programming, there is a separate SCLK and a Serial
Input (SI). In parallel mode, a LOW on the load (LD) pin causes
the write and read operation to these registers. The write and
read operation happens from the first location (0x1) to the last
location (0xA) in a sequence. If LD is HIGH, the writes occur to
the FIFO.
Register values can be read through the parallel output port
regardless of the programming mode selected (serial or parallel).
Register values cannot be read serially. The registers may be
programmed (and reprogrammed) any time after master reset,
regardless of whether serial or parallel programming is selected.
Any changes to configuration registers during device operation
mandates a PRS cycle to guarantee accurate flag operation.
See Table 4 on page 11 and Table 5 on page 12 for access to
configuration registers in serial and parallel modes.
In parallel mode, the read and write operations loop back when
the maximum address location of the configuration registers is
reached. Simultaneous read and write operations should be
avoided on the configuration registers. Any change in
configuration registers will take effect after eight write clock
cycles (WCLK) cycles.


Similar Part No. - CYF0036V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0036V CYPRESS-CYF0036V Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF0036V18L-133BGXI CYPRESS-CYF0036V18L-133BGXI Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF0036V18L-133BGXI CYPRESS-CYF0036V18L-133BGXI Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF0036V33L-133BGXI CYPRESS-CYF0036V33L-133BGXI Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF0036V33L-133BGXI CYPRESS-CYF0036V33L-133BGXI Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
More results

Similar Description - CYF0036V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
CYF0018V CYPRESS-CYF0018V Datasheet
945Kb / 29P
   18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
CYF2018V CYPRESS-CYF2018V Datasheet
943Kb / 30P
   18/36/72-Mbit Programmable Multi-Queue FIFOs Independent read and write ports
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com