Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22392SXI-xxx Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22392SXI-xxx
Description  Three-PLL General Purpose Flash Programmable Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22392SXI-xxx Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY22392SXI-xxx Datasheet HTML 2Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 3Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 4Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 5Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 6Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 7Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 8Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 9Page - Cypress Semiconductor CY22392SXI-xxx Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY22392
Document Number: 38-07013 Rev. *I
Page 6 of 13
Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
IOH
Output High Current [4]
VOH =VDD – 0.5 V, VDD =3.3 V
12
24
mA
IOL
Output Low Current [4]
VOL = 0.5 V, VDD =3.3 V
12
24
mA
CXTAL_MIN
Crystal Load Capacitance [4]
Capload at minimum setting
6
pF
CXTAL_MAX
Crystal Load Capacitance [4]
Capload at maximum setting
30
pF
CLOAD_IN
Input Pin Capacitance [4]
Except crystal pins
7
pF
VIH
High Level Input Voltage
CMOS levels,% of AVDD
70%
AVDD
VIL
Low Level Input Voltage
CMOS levels,% of AVDD
––
30%
AVDD
IIH
Input High Current
VIN =AVDD –0.3 V
<1
10
A
IIL
Input Low Current
VIN =+0.3 V
<1
10
A
IOZ
Output Leakage Current
Three-state outputs
10
A
IDD
Total Power Supply Current
3.3 V Power Supply; 2 outputs at
166 MHz; 4 outputs at 83 MHz
100
mA
3.3 V Power Supply; 2 outputs at
20 MHz; 4 outputs at 40 MHz
–50–
mA
IDDS
Total Power Supply Current in
Shutdown Mode
Shutdown active
5
20
A
Switching Characteristics
Parameter
Name
Description
Min
Typ
Max
Unit
1/t1
Output Frequency [4, 5]
Clock output limit, Commercial
200
MHz
Clock output limit, Industrial
166
MHz
t2
Output Duty Cycle [4, 6]
Duty cycle for outputs, defined as
t2  t1, Fout < 100 MHz, divider > 2,
measured at VDD/2
45%
50%
55%
Duty cycle for outputs, defined as
t2  t1, Fout > 100 MHz or
divider = 1, measured at VDD/2
40%
50%
60%
t3
Rising Edge Slew Rate [4]
Output clock rise time, 20% to 80%
of VDD
0.75
1.4
V/ns
t4
Falling Edge Slew Rate [4]
Output clock fall time, 80% to 20%
of VDD
0.75
1.4
V/ns
t5
Output three-state Timing [4]
Time for output to enter or leave
three-state mode after
SHUTDOWN/OE switches
150
300
ns
t6
Clock Jitter [4, 7]
Peak-to-peak period jitter, CLK
outputs measured at VDD/2
400
ps
t7
Lock Time [4]
PLL Lock Time from Power up
1.0
3
ms
Notes
4. Guaranteed by design, not 100% tested.
5. Guaranteed to meet 20%–80% output thresholds and duty cycle specifications.
6. Reference Output duty cycle depends on XTALIN duty cycle.
7. Jitter varies significantly with configuration. Reference Output jitter depends on XTALIN jitter and edge rate.


Similar Part No. - CY22392SXI-xxx

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22392 CYPRESS-CY22392 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FC CYPRESS-CY22392FC Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FC CYPRESS-CY22392FC Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22392SXI-xxx

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com