Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148ELL-55SXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62148ELL-55SXI
Description  4-Mbit (512 K x 8) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148ELL-55SXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62148ELL-55SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 9Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 10Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 11Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 12Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 13Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 14Page - Cypress Semiconductor CY62148ELL-55SXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY62148E MoBL®
Document Number: 38-05442 Rev. *L
Page 11 of 17
Ordering Information
Table 1 lists the CY62148E MoBL® key package features and ordering codes. The table contains only the parts that are currently
available. If you do not see what you are looking for, contact your local sales representative. For more information, visit the Cypress
website at www.cypress.com and refer to the product summary page at http://www.cypress.com/products.
Ordering Code Definitions
Table 1. Key features and Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62148ELL-45ZSXI
51-85095 32-pin TSOP II (Pb-free)
Industrial
CY62148ELL-45ZSXA
51-85095 32-pin TSOP II (Pb-free)
Automotive-A
55
CY62148ELL-55SXI
51-85081 32-pin SOIC (Pb-free)
Industrial
CY62148ELL-55SXA
51-85081 32-pin SOIC (Pb-free)
Automotive-A
Contact your local Cypress sales representative for availability of these parts.
Temperature Grade: X = I or A
I = Industrial; A = Automotive-A
Pb-free
Package Type: XX = ZS or S
ZS = 32-pin TSOP II
S = 32-pin SOIC
Speed Grade: XX = 45 ns or 55 ns
LL = Low Power
Process Technology: E = 90 nm
Bus width: 8 = × 8
Density: 4 = 4-Mbit
Family Code: 621 = MoBL SRAM family
Company ID: CY = Cypress
CY
XX XX
621 4
8
E
X
LL
X
-


Similar Part No. - CY62148ELL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
942Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
943Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ELL-55SXI CYPRESS-CY62148ELL-55SXI Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62148ELL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY62156ESL CYPRESS-CY62156ESL Datasheet
491Kb / 16P
   8-Mbit (512 K x 16) Static RAM
CY62157E CYPRESS-CY62157E_13 Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com