Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3698 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY3698
Description  Three-PLL General Purpose Flash Programmable Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3698 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY3698 Datasheet HTML 1Page - Cypress Semiconductor CY3698 Datasheet HTML 2Page - Cypress Semiconductor CY3698 Datasheet HTML 3Page - Cypress Semiconductor CY3698 Datasheet HTML 4Page - Cypress Semiconductor CY3698 Datasheet HTML 5Page - Cypress Semiconductor CY3698 Datasheet HTML 6Page - Cypress Semiconductor CY3698 Datasheet HTML 7Page - Cypress Semiconductor CY3698 Datasheet HTML 8Page - Cypress Semiconductor CY3698 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY22392
Document Number: 38-07013 Rev. *I
Page 5 of 13
associated logic, while suspending an output simply forces a
tristate condition.
Improving Jitter
Jitter Optimization Control is useful in mitigating problems
related to similar clocks switching at the same moment, causing
excess jitter. If one PLL is driving more than one output, the
negative phase of the PLL can be selected for one of the outputs
(CLKA–CLKD). This prevents the output edges from aligning,
enabling superior jitter performance.
Power Supply Sequencing
For parts with multiple VDD pins, there are no power supply
sequencing requirements. The part is not fully operational until
all VDD pins have been brought up to the voltages specified in
the Operating Conditions. All grounds must be connected to the
same ground plane.
CyberClocks™ Software
The CyberClocks application enables users to configure this
device. Within CyberClocks, select the CyClocksRT tool. The
easy-to-use interface offers complete control of the many
features of this family including input frequency, PLL, output
frequencies, and different functional options. Data sheet
frequency range limitations are checked and performance tuning
is automatically applied. CyClocksRT also has a power
estimation feature that enables you to see the power
consumption of your specific configuration. Download a copy of
CyberClocks free on Cypress’s web site at www.cypress.com.
Install and run it on any PC running Windows.
Device Programming
Part numbers starting with CY22392F are ‘field programmable’
devices.
Field
programmable
devices
are
shipped
unprogrammed, and must be programmed prior to installation on
a PCB. After a programming file (.jed) is created using
CyberClocks software, devices can be programmed in small
quantities using the CY3672 programmer and CY3698 [1]
adapter. Volume programming is available through Cypress
Semiconductor’s value added distribution partners or by using
third party programmers from BP Microsystems, HiLo Systems,
and others. For sufficiently large volumes, Cypress can supply
pre-programmed devices with a part number extension that is
configuration-specific.
Junction Temperature Limitations
It is possible to program the CY22392 such that the maximum
junction temperature rating is exceeded. The package
JA is
115
C/W. Use the CyClocksRT power estimation feature to
verify that the programmed configuration meets the junction
temperature and package power dissipation maximum ratings.
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Supply Voltage .............................................–0.5 V to +7.0 V
DC Input Voltage ........................ –0.5 V to + (AVDD + 0.5 V)
Storage Temperature ............................... –65
C to +125 C
Junction Temperature ................................................ 125
C
Data Retention at Tj = 125
C ..............................> 10 years
Maximum Programming Cycles .......................................100
Package Power Dissipation ..................................... 350 mW
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. 2000 V
Latch up (according to JEDEC 17) ..................... > ±200 mA
Operating Conditions
The following table lists the recommended operating conditions. [2]
Parameter
Description
Min
Typ
Max
Unit
VDD/AVDD
Supply Voltage
3.135
3.3
3.465
V
TA
Commercial Operating Temperature, Ambient
0
+70
C
Industrial Operating Temperature, Ambient
–40
+85
C
CLOAD_OUT
Maximum Load Capacitance
15
pF
fREF
External Reference Crystal
8
30
MHz
External Reference Clock [3], Commercial
1
166
MHz
External Reference Clock [3], Industrial
1
150
MHz
tPU
Power up time for all VDD's to reach minimum specified voltage
(power ramps must be monotonic)
0.05
500
ms
Notes
1. Programming of only 16-pin TSSOP package is supported by CY3698. For programming support of 16-pin SOIC package, contact your local FAE.
2. Unless otherwise noted, Electrical and Switching Characteristics are guaranteed across these operating conditions.
3. External input reference clock must have a duty cycle between 40% and 60%, measured at VDD/2.


Similar Part No. - CY3698

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3698 CYPRESS-CY3698 Datasheet
234Kb / 6P
   PTG Programming Kit
CY3698 CYPRESS-CY3698 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY3698 CYPRESS-CY3698 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY3698

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com