Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128ELL-45ZXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62128ELL-45ZXI
Description  1-Mbit (128 K x 8) Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128ELL-45ZXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62128ELL-45ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 9Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 10Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 11Page - Cypress Semiconductor CY62128ELL-45ZXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CY62128E MoBL®
Document Number: 38-05485 Rev. *K
Page 8 of 19
Switching Characteristics
Over the Operating Range
Parameter [16]
Description
45 ns (Industrial /
Automotive-A)
55 ns (Automotive-E)
Unit
Min
Max
Min
Max
Read Cycle
tRC
Read cycle time
45–55–
ns
tAA
Address to data valid
45
55
ns
tOHA
Data hold from address change
10
10
ns
tACE
CE1 LOW and CE2 HIGH to data valid
45
55
ns
tDOE
OE LOW to data valid
22
25
ns
tLZOE
OE LOW to Low Z[17]
5–
5
–ns
tHZOE
OE HIGH to High Z[17, 18]
–18
20
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z[17]
10
10
–ns
tHZCE
CE1 HIGH or CE2 LOW to High Z[17, 18]
–18
20
ns
tPU
CE1 LOW and CE2 HIGH to power-up
0
0
–ns
tPD
CE1 HIGH or CE2 LOW to power-down
45
55
ns
Write Cycle[19]
tWC
Write cycle time
45
55
ns
tSCE
CE1 LOW and CE2 HIGH to write end
35
40
–ns
tAW
Address setup to write end
35
40
ns
tHA
Address hold from write end
0
0
–ns
tSA
Address setup to write start
0
0
ns
tPWE
WE pulse width
35
40
–ns
tSD
Data setup to write end
25
25
ns
tHD
Data hold from write end
0
0
ns
tHZWE
WE LOW to High Z[17, 18]
–18
20
ns
tLZWE
WE HIGH to Low Z[17]
10
10
–ns
Notes
16. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns (1 V/ns) or less, timing reference levels of 1.5 V, input pulse
levels of 0 to 3 V, and output loading of the specified IOL/IOH as shown in the Figure 4 on page 6.
17. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
18. tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state.
19. The internal Write time of the memory is defined by the overlap of WE, CE = VIL. All signals must be ACTIVE to initiate a write and any of these signals can terminate
a write by going INACTIVE. The data input setup and hold timing must be referenced to the edge of the signal that terminates the write.


Similar Part No. - CY62128ELL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128ELL-45ZXI CYPRESS-CY62128ELL-45ZXI Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45ZXI CYPRESS-CY62128ELL-45ZXI Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
More results

Similar Description - CY62128ELL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com