Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14MB064J2A-SXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14MB064J2A-SXIT
Description  64-Kbit (8 K x 8) Serial (I2C) nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MB064J2A-SXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14MB064J2A-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14MB064J2A-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CY14MB064J1A/CY14MB064J2A
CY14ME064J1A/CY14ME064J2A
Document Number: 001-70393 Rev. *I
Page 4 of 28
I2C Interface
I2C bus consists of two lines – serial clock line (SCL) and serial
data line (SDA) that carry information between multiple devices
on the bus. I2C supports multi-master and multi-slave
configurations. The data is sent from the transmitter to the
receiver on the SDA line and is synchronized with the clock SCL
generated by the master.
The SCL and SDA lines are open-drain lines and are pulled up
to VCC using resistors. The choice of pull-up resistor on the
system depends on the bus capacitance and the intended speed
of operation. The master generates the clock and all the data
I/Os are transmitted in synchronization with this clock. The
CY14MX064J supports up to 3.4-MHz clock speed on the SCL
line.
Protocol Overview
This device supports only a 7-bit addressable scheme. The
master
generates
a
START
condition
to
initiate
the
communication followed by broadcasting a slave select byte.
The slave select byte consists of a seven bit address of the slave
that the master intends to communicate with and R/W bit
indicating a read or a write operation. The selected slave
responds to this with an acknowledgement (ACK). After a slave
is selected, the remaining part of the communication takes place
between the master and the selected slave device. The other
devices on the bus ignore the signals on the SDA line until a
STOP or Repeated START condition is detected. The data is
transferred between the master and the selected slave device
through the SDA pin synchronized with the SCL clock generated
by the master.
I2C Protocol – Data Transfer
Each transaction in I2C protocol starts with the master
generating a START condition on the bus, followed by a
seven-bit slave address and eighth bit (R/W) indicating a read (1)
or a write (0) operation. All signals are transmitted on the
open-drain SDA line and are synchronized with the clock on SCL
line. Each byte of data transmitted on the I2C bus is
acknowledged by the receiver by holding the SDA line LOW on
the ninth clock pulse. The request for write by the master is
followed by the memory address and data bytes on the SDA line.
The writes can be performed in burst-mode by sending multiple
bytes of data. The memory address increments automatically
after receiving/transmitting each byte on the falling edge of ninth
clock cycle. The new address is latched just prior to
sending/receiving the acknowledgment bit. This allows the next
sequential byte to be accessed with no additional addressing. On
reaching the last memory location, the address rolls back to
0x0000 and writes continue. The slave responds to each byte
sent by the master during a write operation with an ACK. A write
sequence can be terminated by the master generating a STOP
or Repeated START condition.
A read request is performed at the current address location
(address next to the last location accessed for read or write). The
memory slave device responds to a read request by transmitting
the data on the current address location to the master. A random
address read may also be performed by first sending a write
request with the intended address of read. The master must
abort the write immediately after the last address byte and issue
a Repeated START or STOP signal to prevent any write
operation. The following read operation starts from this address.
The master acknowledges the receipt of one byte of data by
holding the SDA pin LOW for the ninth clock pulse. The reads
can be terminated by the master sending a no-acknowledge
(NACK) signal on the SDA line after the last data byte. The
no-acknowledge signal causes the CY14MX064J to release the
SDA line and the master can then generate a STOP or a
Repeated START condition to initiate a new operation.
Figure 2. System Configuration using Serial (I2C) nvSRAM
Vcc
SDA
SCL
Vcc
Vcc
0
A
0
A
0
A
A1
A1
A1
L
C
S
L
C
S
L
C
S
SDA
A
D
S
A
D
S
P
W
P
W
P
W
CY14MX064J
#0
#1
#7
A2
A2
A2
Microcontroller
CY14MX064J
CY14MX064J
RPmin = (VCC - VOLmax) / IOL
RPmax = tr / (0.8473) * Cb


Similar Part No. - CY14MB064J2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J2A-SXIT CYPRESS-CY14MB064J2A-SXIT Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14MB064J2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com