Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14MC256J Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14MC256J
Description  256-Kbit (32 K x 8) Serial (I2C) nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14MC256J Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14MC256J_13 Datasheet HTML 4Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 5Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 6Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 7Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 8Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 9Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 10Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 11Page - Cypress Semiconductor CY14MC256J_13 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
CY14MC256J
CY14MB256J
CY14ME256J
Document Number: 001-65233 Rev. *G
Page 8 of 30
Memory Control Register
The Memory Control Register contains the following bits:
BP1:BP0: Block Protect bits are used to protect one-quarter,
one-half, or full memory array. These bits can be written through
a write instruction to the 0x00 location of the Control Register
Slave device. However, any STORE cycle causes transfer of
SRAM data into a nonvolatile cell regardless of whether or not
the block is protected. The default value shipped from the
factory for BP0 and BP1 is ‘0’.
SNL (S/N Lock) Bit: Serial Number Lock bit (SNL) is used to lock
the serial number. Once the bit is set to ‘1’, the serial number
registers are locked and no modification is allowed. This bit
cannot be cleared to ‘0’. The serial number is secured on the next
STORE operation (Software STORE or AutoStore). If AutoStore
is not enabled, user must perform the Software STORE
operation to secure the lock bit status. If a STORE was not
performed, the serial number lock bit will not survive the power
cycle. The default value shipped from the factory for SNL is ‘0’.
Command Register
The Command Register resides at address “AA” of the Control
Registers Slave device. This is a write only register. The byte
written to this register initiates a STORE, RECALL, AutoStore
Enable, AutoStore Disable and sleep mode operation as listed in
Table 5. Refer to Serial Number on page 16 for details on how to
execute a command register byte.
STORE: Initiates nvSRAM Software STORE. The nvSRAM
cannot be accessed for tSTORE time after this instruction has
been executed. When initiated, the device performs a STORE
operation regardless of whether a write has been performed
since the last NV operation. After the tSTORE cycle time is
completed, the SRAM is activated again for read and write
operations.
RECALL: Initiates nvSRAM Software RECALL. The nvSRAM
cannot be accessed for tRECALL time after this instruction has
been executed. The RECALL operation does not alter the data
in the nonvolatile elements. A RECALL may be initiated in two
ways: Hardware RECALL, initiated on power-up; and Software
RECALL, initiated by a I2C RECALL instruction.
ASENB: Enables nvSRAM AutoStore. The nvSRAM cannot be
accessed for tSS time after this instruction has been executed.
This setting is not nonvolatile and needs to be followed by a
manual STORE sequence if this is desired to survive power
cycle. The part comes from the factory with AutoStore Enabled
and 0x00 written in all cells.
ASDISB: Disables nvSRAM AutoStore. The nvSRAM cannot
be accessed for tSS time after this instruction has been
executed. This setting is not nonvolatile and needs to be
followed by a manual STORE sequence if this is desired to
survive power cycle.
Note If AutoStore is disabled and VCAP is not required, it is
required that the VCAP pin is left open. VCAP pin must never be
connected to ground. Power-Up RECALL operation cannot be
disabled in any case.
SLEEP: SLEEP instruction puts the nvSRAM in a sleep mode.
When the SLEEP instruction is registered, the nvSRAM takes
tSS time to process the SLEEP request. Once the SLEEP
command is successfully registered and processed, the
nvSRAM toggles HSB LOW, performs a STORE operation to
secure the data to nonvolatile memory and then enters into
SLEEP mode. Whenever nvSRAM enters into sleep mode, it
initiates non volatile STORE cycle which results in losing an
Table 2. Control Registers map
Address
Description
Read/Write
Details
0x00
Memory
Control
Register
Read/Write Contains
Block
Protect Bits and Serial
Number Lock bit
0x01
Serial Number
8 Bytes
Read/Write
(Read only
when SNL
is set)
Programmable Serial
Number. Locked by
setting
the
Serial
Number lock bit in
Memory
Control
Register to ‘1’.
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
Device ID
Read only Device ID is factory
programmed
0x0A
0x0B
0x0C
0x0D
Reserved
Reserved
Reserved
0xAA
Command
Register
Write only
Allows commands for
STORE,
RECALL,
AutoStore
Enable/Disable,
SLEEP Mode
Table 3. Memory Control Register Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0SNL
(0)
0
0
BP1
(0)
BP0
(0)
00
Table 4. Block Protection
Level
BP1:BP0
Block Protection
000
None
1/4
01
0x6000–0x7FFF
1/2
10
0x4000–0x7FFF
1
11
0x0000–0x7FFF
Table 5. Command Register bytes
Data Byte
[7:0]
Command
Description
0011 1100
STORE
STORE SRAM data to nonvolatile
memory
0110 0000
RECALL
RECALL data from nonvolatile
memory to SRAM
0101 1001
ASENB
Enable AutoStore
0001 1001
ASDISB
Disable AutoStore
1011 1001
SLEEP
Enter Sleep Mode for low power
consumption


Similar Part No. - CY14MC256J_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14MC256J_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com