Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512PA-SFXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B512PA-SFXIT
Description  512-Kbit (64 K x 8) SPI nvSRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512PA-SFXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B512PA-SFXIT Datasheet HTML 1Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 2Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B512PA-SFXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
CY14C512PA
CY14B512PA
CY14E512PA
Document Number: 001-65268 Rev. *F
Page 3 of 42
Pinout
Figure 1. 16-pin SOIC pinout
INT/SQW
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
V
CC
SO
SI
SCK
CS
HSB
HOLD
Top View
not to scale
VRTCbat
Xout
Xin
V
RTCcap
V
SS
Pin Definitions
Pin Name
I/O Type
Description
CS
Input
Chip select: Activates the device when pulled LOW. Driving this pin HIGH puts the device in low power
standby mode.
SCK
Input
Serial clock: Runs at speeds up to a maximum of fSCK. Serial input is latched at the rising edge of this
clock. Serial output is driven at the falling edge of the clock.
SI
Input
Serial input: Pin for input of all SPI instructions and data.
SO
Output
Serial output: Pin for output of data through SPI.
WP
Input
Write Protect: Implements hardware write protection in SPI.
HOLD
Input
HOLD pin: Suspends Serial Operation.
HSB
Input/Output Hardware STORE Busy: Output: Indicates busy status of nvSRAM when LOW. After each Hardware
and Software STORE operation HSB is driven HIGH for a short time (tHHHD) with standard output high
current and then a weak internal pull-up resistor keeps this pin HIGH (external pull-up resistor
connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to STORE data from the SRAM
to nonvolatile elements. If AutoStore is not needed, this pin must be left as No Connect. It must never
be connected to ground.
VRTCcap[2]
Power supply Capacitor backup for RTC: Left unconnected if VRTCbat is used.
VRTCbat[2]
Power supply Battery backup for RTC: Left unconnected if VRTCcap is used.
Xout[2]
Output
Crystal output connection
Xin[2]
Input
Crystal input connection
INT/SQW
[2]
Output
Interrupt output/calibration/square wave. Programmable to respond to the clock alarm, the watchdog
timer, and the power monitor. Also programmable to either active HIGH (push or pull) or LOW (open
drain). In calibration mode, a 512 Hz square wave is driven out. In the square wave mode, you may
select a frequency of 1 Hz, 512 Hz, 4,096 Hz, or 32,768 Hz to be used as a continuous output.
NC
No connect No connect. This pin is not connected to the die.
VSS
Power supply Ground
VCC
Power supply Power Supply
Note
2. Left unconnected if RTC feature is not used.


Similar Part No. - CY14B512PA-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512PA-SFXIT CYPRESS-CY14B512PA-SFXIT Datasheet
1Mb / 43P
   512-Kbit (64 K x 8) SPI nvSRAM with Real Time Clock Full-featured RTC
CY14B512PA-SFXIT CYPRESS-CY14B512PA-SFXIT Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
More results

Similar Description - CY14B512PA-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com