Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS10N3LH5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS10N3LH5
Description  N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS10N3LH5 Datasheet(HTML) 4 Page - STMicroelectronics

  STS10N3LH5 Datasheet HTML 1Page - STMicroelectronics STS10N3LH5 Datasheet HTML 2Page - STMicroelectronics STS10N3LH5 Datasheet HTML 3Page - STMicroelectronics STS10N3LH5 Datasheet HTML 4Page - STMicroelectronics STS10N3LH5 Datasheet HTML 5Page - STMicroelectronics STS10N3LH5 Datasheet HTML 6Page - STMicroelectronics STS10N3LH5 Datasheet HTML 7Page - STMicroelectronics STS10N3LH5 Datasheet HTML 8Page - STMicroelectronics STS10N3LH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STS10N3LH5
4/13
Doc ID 15618 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown Voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 30 V
VDS = 30 V, Tc = 125 °C
1
10
µA
µA
IGSS
Gate body leakage
current
(VDS = 0)
VGS = ± 22 V
±
100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
1
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID= 5 A
0.019
0.021
VGS = 4.5 V, ID= 5 A
0.023
0.028
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
475
97
19
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 15 V, ID = 10 A
VGS = 5 V
(Figure 14)
-
4.6
1.7
1.9
-
nC
nC
nC
Qgs1
Qgs2
Pre Vth gate-to-source
charge
Post Vth gate-to-
source charge
VDD = 15 V, ID = 10A
VGS = 5 V
(Figure 19)
-
0.67
0.84
-
nC
nC
RG
Gate input resistance
f = 1 MHz gate bias
Bias = 0 test signal
level = 20 mV
open drain
-2.5
-


Similar Part No. - STS10N3LH5

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS10N3LH5 VBSEMI-STS10N3LH5 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - STS10N3LH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
   Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
STS11N3LLH5 STMICROELECTRONICS-STS11N3LLH5 Datasheet
732Kb / 12P
   N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
June 2011 Rev 2
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
   N-channel 30 V, 0.005 廓, 14 A - SO-8 STripFET??V Power MOSFET
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STL40C30H3LL STMICROELECTRONICS-STL40C30H3LL Datasheet
1Mb / 19P
   N-channel 30 V, 0.019 廓 typ., 10 A, P-channel 30 V, 0.024 廓 typ.,8 A STripFET??VI Power MOSFET in a PowerFLAT 5x6 d. i. package
April 2014 Rev 5
STL35N6F3 STMICROELECTRONICS-STL35N6F3 Datasheet
994Kb / 17P
   N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
STS5N15F4 STMICROELECTRONICS-STS5N15F4 Datasheet
716Kb / 11P
   N-channel 150 V, 0.057廓, 5 A, SO-8 STripFET??DeepGATE??Power MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
   Dual n-channel 30 V - 0.018 廓 - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
   N-channel 30 V - 0.008 廓 - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
   N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com