Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C28645-24LTXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C28645-24LTXI
Description  PSoC짰 Programmable System-on-Chip?
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28645-24LTXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C28645-24LTXI Datasheet HTML 1Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 2Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 3Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 4Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 5Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 6Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 7Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 8Page - Cypress Semiconductor CY8C28645-24LTXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-48111 Rev. *L
Revised May 8, 2013
PSoC® Programmable System-on-Chip™
Features
Varied resource options within one PSoC® device group
Powerful Harvard-architecture processor
M8C processor speeds up to 24 MHz
8 × 8 Multiply, 32-bit accumulate
Low power at high speed
Operating voltage: 3.0 V to 5.25 V
Operating voltages down to 1.5 V Using on-chip switched
mode pump (SMP)
Industrial temperature range: –40 °C to +85 °C
Advanced reconfigurable peripherals (PSoC Blocks)
Up to 12 rail-to-rail analog PSoC blocks provide:
• Up to 14-bit ADCs
• Up to 9-bit DACs
• Programmable gain amplifiers
• Programmable filters and comparators
• Multiple ADC configurations
• Dedicated SAR ADC, up to 142 ksps with sample and hold
• Up to 4 synchronized or independent delta-sigma ADCs for
advanced applications
Up to 4 limited type E analog blocks provide:
• Dual channel capacitive sensing capability
• Comparators with programmable DAC reference
• Up to 10-bit single-slope ADCs
Up to 12 digital PSoC blocks provide:
• 8- to 32-bit timers and counters, 8- and 16-bit pulse-width
modulators (PWMs)
• Shift register, CRC, and PRS modules
• Up to 3 full-duplex UARTs
• Up to 6 half-duplex UARTs
• Multiple variable data length SPI
 masters or slaves
• Connectable to all GPIOs
Complex peripherals by combining blocks
Precision, programmable clocking
Internal ±2.5% 24/48 MHz main oscillator
Optional 32.768 kHz crystal for precise on-chip clocks
Optional external oscillator, up to 24 MHz
Internal low speed, low power oscillator for watchdog and
sleep functionality
Flexible on-chip memory
16 KB flash program storage 50,000 erase/write cycles
1-KB SRAM data storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Programmable Pin configurations
25 mA sink, 10 mA drive on all GPIOs
Pull-up, pull-down, high Z, strong, or open-drain drive modes
on all GPIOs
Analog input on all GPIOs
30 mA analog outputs on GPIOs
Configurable interrupt on all GPIOs
Additional system resources
Up to two hardware I2C resources
• Each resource implements slave, master, or multi-master
modes
• Operation between 0 and 400 kHz
Watchdog and Sleep timers
User-configurable low voltage detection
Flexible internal voltage references
Integrated supervisory circuit
On-chip precision voltage reference
Complete development tools
Free development software (PSoC Designer™)
Full featured in-circuit emulator, and programmer
Full speed emulation
Flexible and functional breakpoint structure
128 KB trace memory
DIGITAL SYSTEM
SRAM
1K
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPU Core (M8C)
SROM
Flash 16K
Digital
Block
Array
2
MACs
Switch
Mode
Pump
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
4 Type 2
Decimators
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Analog
Input
Muxing
2 I2C
Blocks
Port 4 Port 3 Port 2 Port 1 Port 0
Analog
Drivers
System Bus
Analog
Block
Array
Port 5
Logic Block Diagram


Similar Part No. - CY8C28645-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28645-24LTXI CYPRESS-CY8C28645-24LTXI Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C28645-24LTXI CYPRESS-CY8C28645-24LTXI Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
CY8C28645-24LTXIT CYPRESS-CY8C28645-24LTXIT Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C28645-24LTXIT CYPRESS-CY8C28645-24LTXIT Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C28645-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com