Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256Q2 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B256Q2
Description  256-Kbit (32 K x 8) Serial (SPI) nvSRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256Q2 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B256Q2 Datasheet HTML 4Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 5Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 6Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 7Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 8Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 9Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 10Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 11Page - Cypress Semiconductor CY14B256Q2 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CY14B256Q1
CY14B256Q2
CY14B256Q3
Document Number: 001-53882 Rev. *J
Page 8 of 29
are latched by the slave device on the rising edge of SCK and
outputs are issued on the falling edge. Therefore, the first rising
edge of SCK signifies the arrival of the first bit (MSB) of SPI
instruction on the SI pin. Further, all data inputs and outputs are
synchronized with SCK.
Data Transmission - SI and SO
SPI data bus consists of two lines, SI and SO, for serial data
communication. The SI is also referred to as Master Out Slave
In (MOSI) and SO is referred to as Master In Slave Out (MISO).
The master issues instructions to the slave through the SI pin,
while the slave responds through the SO pin. Multiple slave
devices may share the SI and SO lines as described earlier.
CY14B256Q1/CY14B256Q2/CY14B256Q3 has two separate
pins for SI and SO, which can be connected with the master as
shown in Figure 4 on page 8.
Most Significant Bit (MSB)
The SPI protocol requires that the first bit to be transmitted is the
most significant bit (MSB). This is valid for both address and data
transmission.
The 256-Kbit serial nvSRAM requires a 2-byte address for any
read or write operation. However, since the address is only
15-bits, it implies that the first MSB that is fed in is ignored by the
device. Although this bit is ‘don’t care’, Cypress recommends
that this bit is treated as 0 to enable seamless transition to higher
memory densities.
Serial Opcode
After the slave device is selected with CS going LOW, the first
byte received is treated as the opcode for the intended operation.
CY14B256Q1/CY14B256Q2/CY14B256Q3 uses the standard
opcodes for memory accesses. In addition to the memory
accesses, it provides additional opcodes for the nvSRAM
specific functions: STORE, RECALL, AutoStore Enable, and
AutoStore Disable. Refer to Table 2 on page 10 for details.
Invalid Opcode
If an invalid opcode is received, the opcode is ignored and the
device ignores any additional serial data on the SI pin till the next
falling edge of CS and the SO pin remains tristated.
Status Register
CY14B256Q1/CY14B256Q2/CY14B256Q3 has an 8-bit Status
Register. The bits in the Status Register are used to configure
the SPI bus. These bits are described in the Table 4 on page 11.
Figure 4. System Configuration Using SPI nvSRAM
x
Q
6
5
2
B
4
1
Y
C
x
Q
6
5
2
B
4
1
Y
C
uC o ntrolle r
SC K
MO S I
MIS O
SI
SO
O
S
I
S
K
C
SS C K
CS
HO L D
HO L D
CS
CS 1
CS 2
HO L D 1
HO L D 2


Similar Part No. - CY14B256Q2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256Q2 CYPRESS-CY14B256Q2 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14B256Q2-LHXI CYPRESS-CY14B256Q2-LHXI Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14B256Q2-LHXIT CYPRESS-CY14B256Q2-LHXIT Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14B256Q2A-SXI CYPRESS-CY14B256Q2A-SXI Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256Q2A-SXI CYPRESS-CY14B256Q2A-SXI Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14B256Q2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com