Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C28243 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C28243
Description  PSoC짰 Programmable System-on-Chip?
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28243 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C28243_13 Datasheet HTML 6Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 7Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 8Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 9Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 10Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 11Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 12Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 13Page - Cypress Semiconductor CY8C28243_13 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
Document Number: 001-48111 Rev. *L
Page 10 of 80
Designing with PSoC Designer
The development process for the PSoC device differs from that
of a traditional fixed-function microprocessor. The configurable
analog and digital hardware blocks give the PSoC architecture a
unique flexibility that pays dividends in managing specification
change during development and lowering inventory costs. These
configurable resources, called PSoC blocks, have the ability to
implement a wide variety of user-selectable functions. The PSoC
development process is:
1. Select user modules.
2. Configure user modules.
3. Organize and connect.
4. Generate, verify, and debug.
Select User Modules
PSoC Designer provides a library of prebuilt, pretested hardware
peripheral components called “user modules.” User modules
make selecting and implementing peripheral devices, both
analog and digital, simple.
Configure User Modules
Each user module that you select establishes the basic register
settings that implement the selected function. They also provide
parameters and properties that allow you to tailor their precise
configuration to your particular application. For example, a PWM
User Module configures one or more digital PSoC blocks, one
for each eight bits of resolution. Using these parameters, you can
establish the pulse width and duty cycle. Configure the
parameters and properties to correspond to your chosen
application. Enter values directly or by selecting values from
drop-down menus. All of the user modules are documented in
datasheets that may be viewed directly in PSoC Designer or on
the Cypress website. These user module datasheets explain the
internal operation of the user module and provide performance
specifications. Each datasheet describes the use of each user
module parameter, and other information that you may need to
successfully implement your design.
Organize and Connect
Build signal chains at the chip level by interconnecting user
modules to each other and the I/O pins. Perform the selection,
configuration, and routing so that you have complete control over
all on-chip resources.
Generate, Verify, and Debug
When you are ready to test the hardware configuration or move
on to developing code for the project, perform the “Generate
Configuration Files” step. This causes PSoC Designer to
generate source code that automatically configures the device to
your specification and provides the software for the system. The
generated code provides APIs with high-level functions to control
and respond to hardware events at run time, and interrupt
service routines that you can adapt as needed.
A complete code development environment lets you to develop
and customize your applications in C, assembly language, or
both.
The last step in the development process takes place inside
PSoC Designer's Debugger (accessed by clicking the Connect
icon). PSoC Designer downloads the HEX image to the ICE
where it runs at full-speed. PSoC Designer debugging
capabilities rival those of systems costing many times more. In
addition to traditional single-step, run-to-breakpoint, and
watch-variable features, the debug interface provides a large
trace buffer. It lets you to define complex breakpoint events that
include monitoring address and data bus values, memory
locations, and external signals.


Similar Part No. - CY8C28243_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C28243 CYPRESS-CY8C28243_12 Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C28243_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com