Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27443 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C27443
Description  PSoC짰 Programmable System-on-Chip?
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27443 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C27443 Datasheet HTML 7Page - Cypress Semiconductor CY8C27443 Datasheet HTML 8Page - Cypress Semiconductor CY8C27443 Datasheet HTML 9Page - Cypress Semiconductor CY8C27443 Datasheet HTML 10Page - Cypress Semiconductor CY8C27443 Datasheet HTML 11Page - Cypress Semiconductor CY8C27443 Datasheet HTML 12Page - Cypress Semiconductor CY8C27443 Datasheet HTML 13Page - Cypress Semiconductor CY8C27443 Datasheet HTML 14Page - Cypress Semiconductor CY8C27443 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *X
Page 11 of 64
44-pin Part Pinout
Note
5. These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
Table 5. Pin Definitions – 44-pin TQFP
Pin
No.
Type
Pin Name
Description
Figure 6. CY8C27543 44-pin PSoC Device
Digital
Analog
1
I/O
P2[5]
2
I/O
I
P2[3]
Direct switched capacitor block input
3
I/O
I
P2[1]
Direct switched capacitor block input
4
I/O
P4[7]
5
I/O
P4[5]
6
I/O
P4[3]
7
I/O
P4[1]
8
Power
SMP
SMP connection to external components required
9
I/O
P3[7]
10
I/O
P3[5]
11
I/O
P3[3]
12
I/O
P3[1]
13
I/O
P1[7]
I2C SCL
14
I/O
P1[5]
I2C SDA
15
I/O
P1[3]
16
I/O
P1[1]
Crystal input (XTALin), I2C SCL, ISSP-SCLK[5]
17
Power
Vss
Ground connection.
18
I/O
P1[0]
Crystal output (XTALout), I2C SDA,
ISSP-SDATA[5]
19
I/O
P1[2]
20
I/O
P1[4]
Optional external clock input (EXTCLK)
21
I/O
P1[6]
22
I/O
P3[0]
23
I/O
P3[2]
24
I/O
P3[4]
25
I/O
P3[6]
26
Input
XRES
Active high external reset with internal pull down
27
I/O
P4[0]
28
I/O
P4[2]
29
I/O
P4[4]
30
I/O
P4[6]
31
I/O
I
P2[0]
Direct switched capacitor block input
32
I/O
I
P2[2]
Direct switched capacitor block input
33
I/O
P2[4]
External Analog Ground (AGND)
34
I/O
P2[6]
External Voltage Reference (VRef)
35
I/O
I
P0[0]
Analog column mux input
36
I/O
I/O
P0[2]
Analog column mux input and column output
37
I/O
I/O
P0[4]
Analog column mux input and column output
38
I/O
I
P0[6]
Analog column mux input
39
Power
VDD
Supply voltage
40
I/O
I
P0[7]
Analog column mux input
41
I/O
I/O
P0[5]
Analog column mux input and column output
42
I/O
I/O
P0[3]
Analog column mux input and column output
43
I/O
I
P0[1]
Analog column mux input
44
I/O
P2[7]
LEGEND: A = Analog, I = Input, and O = Output.
TQFP
P2[5]
P2[4], External AGND
A, I, P2[3]
P2[2], A, I
A, I, P2[1]
P2[0], A, I
P4[7]
P4[6]
P4[5]
P4[4]
P4[3]
P4[2]
P4[1]
P4[0]
SMP
XRES
P3[7]
P3[6]
P3[5]
P3[4]
P3[3]
P3[2]
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11


Similar Part No. - CY8C27443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27443 CYPRESS-CY8C27443 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27443 CYPRESS-CY8C27443 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27443 CYPRESS-CY8C27443 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
CY8C27443 CYPRESS-CY8C27443 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27443 CYPRESS-CY8C27443 Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com