Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG507AKR Datasheet(PDF) 3 Page - Analog Devices

Part # ADG507AKR
Description  CMOS 8-/16-Channel Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG507AKR Datasheet(HTML) 3 Page - Analog Devices

  ADG507AKR Datasheet HTML 1Page - Analog Devices ADG507AKR Datasheet HTML 2Page - Analog Devices ADG507AKR Datasheet HTML 3Page - Analog Devices ADG507AKR Datasheet HTML 4Page - Analog Devices ADG507AKR Datasheet HTML 5Page - Analog Devices ADG507AKR Datasheet HTML 6Page - Analog Devices ADG507AKR Datasheet HTML 7Page - Analog Devices ADG507AKR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. C
ADG506A/ADG507A
Single Supply (V
DD = +10.8 V to +16.5 V, VSS = GND = 0 V unless otherwise noted)
ADG506A
ADG506A
ADG506A
ADG507A
ADG507A
ADG507A
K Version
B Version
T Version
–40 C to
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+85 C
+25 C +125 C
Units
Comments
ANALOG SWITCH
Analog Signal Range
VSS
VSS
VSS
VSS
VSS
VSS
V min
VDD
VDD
VDD
VDD
VDD
VDD
V max
RON
500
500
500
Ω typ
0 V
≤ V
S ≤ +10 V, IDS = 0.5 mA; Test Circuit 1
700
1000
700
1000
700
1000
Ω max
RON Drift
0.6
0.6
0.6
%/
°C typ 0 V ≤ V
S ≤ +10 V, IDS = 0.5 mA
RON Match
5
5
5
% typ
0 V
≤ V
S ≤ +10 V, IDS = 0.5 mA
IS (OFF), Off Input Leakage
0.02
0.02
0.02
nA typ
V1 = +10 V/0 V, V2 = 0 V/ +10 V;
1
50
1
50
1
50
nA max
Test Circuit 2
ID (OFF), Off Output Leakage
0.04
0.04
0.04
nA typ
V1 = +10 V/0 V, V2 = 0 V/ +10 V;
ADG506A
1
200
1
200
1
200
nA max
Test Circuit 3
ADG507A
1
100
1
100
1
100
nA max
ID (ON), On Channel Leakage
0.04
0.04
0.04
nA typ
V1 = +10 V/0 V, V2 = 0 V/ +10 V;
ADG506A
1
200
1
200
1
200
nA max
Test Circuit 4
ADG507A
1
100
1
100
1
100
nA max
IDIFF, Differential Off Output
V1 = +10 V/0 V, V2 = 0 V/ +10 V;
Leakage (ADG507A Only)
25
25
25
nA max
Test Circuit 5
DIGITAL CONTROL
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINL or IINH
111
µA max
VIN = 0 to VDD
CIN Digital Input Capacitance
8
8
8
pF max
DYNAMIC CHARACTERISTICS
tTRANSITION
1
300
300
300
ns typ
V1 = +10 V/0 V, V2 = +10 V; Test Circuit 6
450
600
450
600
450
600
ns max
tOPEN
1
50
50
50
ns typ
Test Circuit 7
25
10
25
10
25
10
ns min
tON (EN)
1
250
250
250
ns typ
Test Circuit 8
450
600
450
600
450
600
ns max
tOFF (EN)
1
250
250
250
ns typ
Test Circuit 8
450
600
450
600
450
600
ns max
OFF Isolation
68
68
68
dB typ
VEN = 0.8 V, RL = 1 kΩ, CL = 15 pF,
50
50
50
dB min
VS = 3.5 V rms, f = 100 kHz
CS (OFF)
5
5
5
pF typ
VEN = 0.8 V
CD (OFF)
ADG506A
44
44
44
pF typ
VEN = 0.8 V
ADG507A
22
22
22
pF typ
QINJ, Charge Injection
4
4
4
pC typ
RS = 0 Ω, VS = 0 V; Test Circuit 9
POWER SUPPLY
IDD
0.6
0.6
0.6
mA typ
VIN = VINL or VlNH
1.5
1.5
1.5
mA max
Power Dissipation
10
10
10
mW typ
25
25
25
mW max
NOTES
1Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
Truth Table (ADG506A)
A3
A2
A1
A0
EN On Switch
XXXX0
NONE
000011
000112
001013
001114
010015
010116
011017
011118
100019
1001110
1010111
1011112
1100113
1101114
1110115
1111116
Truth Table (ADG507A)
A2
A1
A0
EN On Switch Pair
XXX0
NONE
00011
00112
01013
01114
10015
10116
11017
11118
X = Don’t Care


Similar Part No. - ADG507AKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG507AKR AD-ADG507AKR Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKR AD-ADG507AKR Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKR AD-ADG507AKR Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKR AD-ADG507AKR Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKR AD-ADG507AKR Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results

Similar Description - ADG507AKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKNZ AD-ADG506AKNZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com