Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG732BSUZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADG732BSUZ
Description  16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG732BSUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG732BSUZ Datasheet HTML 3Page - Analog Devices ADG732BSUZ Datasheet HTML 4Page - Analog Devices ADG732BSUZ Datasheet HTML 5Page - Analog Devices ADG732BSUZ Datasheet HTML 6Page - Analog Devices ADG732BSUZ Datasheet HTML 7Page - Analog Devices ADG732BSUZ Datasheet HTML 8Page - Analog Devices ADG732BSUZ Datasheet HTML 9Page - Analog Devices ADG732BSUZ Datasheet HTML 10Page - Analog Devices ADG732BSUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
–7–
ADG726/ADG732
Table II. ADG732 Truth Table
A4
A3
A2
A1
A0
EN
CS
WR
Switch Condition
X
XXX
XX
1
L->H
Retains Previous Switch Condition
X
XXX
XX
1X
No Change in Switch Condition
X
XXX
X
100
NONE
00
0
0
0
000
1
00
0
0
1
000
2
00
0
1
0
000
3
00
0
1
1
000
4
00
1
0
0
000
5
00
1
0
1
000
6
00
1
1
0
000
7
00
1
1
1
000
8
01
0
0
0
000
9
01
0
0
1
000
10
01
0
1
0
000
11
01
0
1
1
000
12
01
1
0
0
000
13
01
1
0
1
000
14
01
1
1
0
000
15
01
1
1
1
000
16
10
0
0
0
000
17
10
0
0
1
000
18
10
0
1
0
000
19
10
0
1
1
000
20
10
1
0
0
000
21
10
1
0
1
000
22
10
1
1
0
000
23
10
1
1
1
000
24
11
0
0
0
000
25
11
0
0
1
000
26
11
0
1
0
000
27
11
0
1
1
000
28
11
1
0
0
000
29
11
1
0
1
000
30
11
1
1
0
000
31
11
1
1
1
000
32
X = Don’t Care
Table I. ADG726 Truth Table
A3
A2
A1
A0
EN
CSA
CSB
WR
ON Switch
X
XXX
X
11
L->H
Retains Previous Switch Condition
X
XXX
X
11X
No Change in Switch Condition
X
XXX
1
000
NONE
00
0
0
0
000
S1A–DA, S1B–DB
00
0
1
0
000
S2A–DA, S2B–DB
00
1
0
0
000
S3A–DA, S3B–DB
00
1
1
0
000
S4A–DA, S4B–DB
01
0
0
0
000
S5A–DA, S5B–DB
01
0
1
0
000
S6A–DA, S6B–DB
01
1
0
0
000
S7A–DA, S7B–DB
01
1
1
0
000
S8A–DA, S8B–DB
10
0
0
0
000
S9A–DA, S9B–DB
1
001
0
000
S10A–DA, S10B–DB
1
010
0
000
S11A–DA, S11B–DB
1
011
0
000
S12A–DA, S12B–DB
1
100
0
000
S13A–DA, S13B–DB
1
101
0
000
S14A–DA, S14B–DB
1
110
0
000
S15A–DA, S15B–DB
1
111
0
000
S16A–DA, S16B–DB
X = Don’t Care


Similar Part No. - ADG732BSUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG732BSU AD-ADG732BSU Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG732BSU AD-ADG732BSU Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSU AD-ADG732BSU Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com