Electronic Components Datasheet Search |
|
ADG506ATQ Datasheet(PDF) 1 Page - Analog Devices |
|
ADG506ATQ Datasheet(HTML) 1 Page - Analog Devices |
1 / 8 page REV. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a ADG506A/ADG507A One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 1998 CMOS 8-/16-Channel Analog Multiplexers FUNCTIONAL BLOCK DIAGRAM FEATURES 44 V Supply Maximum Rating VSS to VDD Analog Signal Range Single/Dual Supply Specifications Wide Supply Ranges (10.8 V to 16.5 V) Extended Plastic Temperature Range (–40 C to +85 C) Low Power Dissipation (28 mW max) Low Leakage (20 pA typ) Available in 28-Lead DIP, SOIC, PLCC, TSSOP and LCCC Packages Superior Alternative to: DG506A, Hl-506 DG507A, Hl-507 GENERAL DESCRIPTION The ADG506A and ADG507A are CMOS monolithic analog multiplexers with 16 channels and dual 8 channels, respectively. The ADG506A switches one of 16 inputs to a common output, depending on the state of four binary addresses and an enable input. The ADG507A switches one of eight differential inputs to a common differential output, depending on the state of three binary addresses and an enable input. Both devices have TTL and 5 V CMOS logic compatible digital inputs. The ADG506A and ADG507A are designed on an enhanced LC 2MOS process, which gives an increased signal capability of VSS to VDD and enables operation over a wide range of supply voltages. The devices can operate comfortably anywhere in the 10.8 V to 16.5 V single or dual supply range. These multiplexers also feature high switching speeds and low RON. PRODUCT HIGHLIGHTS 1. Single/Dual Supply Specifications with a Wide Tolerance The devices are specified in the 10.8 V to 16.5 V range for both single and dual supplies. 2. Extended Signal Range The enhanced LC2MOS processing results in a high break- down and an increased analog signal range of VSS to VDD. 3. Break-Before-Make Switching Switches are guaranteed break-before-make so input signals are protected against momentary shorting. 4. Low Leakage Leakage currents in the range of 20 pA make these multiplexers suitable for high precision circuits. ORDERING GUIDE Temperature Package Model1 Range Option2 ADG506AKN –40 °C to +85°C N-28 ADG506AKR –40 °C to +85°C R-28 ADG506AKP –40 °C to +85°C P-28A ADG506ABQ –40 °C to +85°C Q-28 ADG506ATQ –55 °C to +125°C Q-28 ADG506ATE –55 °C to +125°C E-28A ADG507AKN –40 °C to +85°C N-28 ADG507AKR –40 °C to +85°C R-28 ADG507AKP –40 °C to +85°C P-28A ADG507AKRU –40 °C to +85°C RU-28 ADG507ABQ –40 °C to +85°C Q-28 ADG507ATQ –55 °C to +125°C Q-28 ADG507ATE –55 °C to +125°C E-28A NOTES 1To order MIL-STD-883, Class B processed parts, add /883B to part number. See Analog Devices’ Military/Aerospace Reference Manual (1994) for military data sheet. 2E = Leadless Ceramic Chip Carrier (LCCC); N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip; R = 0.3" Small Outline IC (SOIC); RU = Thin Shrink Small Outline Package (TSSOP). |
Similar Part No. - ADG506ATQ |
|
Similar Description - ADG506ATQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |