Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20xx7S Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C20xx7S
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20xx7S Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C20xx7S Datasheet HTML 1Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 2Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 3Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 4Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 5Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 6Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 7Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 8Page - Cypress Semiconductor CY8C20xx7S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
CY8C20xx7/S
Document Number: 001-69257 Rev. *I
Page 4 of 43
PSoC® Functional Overview
The PSoC family consists of many devices with on-chip
controllers. These devices are designed to replace multiple
traditional MCU-based system components with one low-cost
single-chip programmable component. A PSoC device includes
configurable blocks of analog and digital logic, and
programmable interconnect. This architecture makes it possible
for you to create customized peripheral configurations, to match
the requirements of each individual application. Additionally, a
fast central processing unit (CPU), flash program memory,
SRAM data memory, and configurable I/O are included in a
range of convenient pinouts.
The architecture for this device family, as shown in the Logic
Block Diagram on page 2, consists of three main areas:
The core
CapSense analog system
System resources
A common, versatile bus allows connection between I/O and the
analog system.
Each CY8C20x37/47/67/S PSoC device includes a dedicated
CapSense block that provides sensing and scanning control
circuitry for capacitive sensing applications. Depending on the
PSoC package, up to 34 GPIOs are also included. The GPIOs
provide access to the MCU and analog mux.
PSoC Core
The PSoC core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO and
ILO. The CPU core, called the M8C, is a powerful processor with
speeds up to 24 MHz. The M8C is a 4-million instructions per
second (MIPS), 8-bit Harvard-architecture microprocessor.
CapSense System
The analog system contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. The analog system is composed of the
CapSense PSoC block and an internal 1 V or 1.2 V analog
reference, which together support capacitive sensing of up to 31
inputs[3]. Capacitive sensing is configurable on each GPIO pin.
Scanning of enabled CapSense pins is completed quickly and
easily across multiple ports.
SmartSense™ Auto-tuning
SmartSense auto-tuning is an innovative solution from Cypress
that removes manual tuning of CapSense applications. This
solution is easy to use and provides robust noise immunity. It is
the only auto-tuning solution that establishes, monitors, and
maintains all required tuning parameters of each sensor during
run time. SmartSense auto-tuning allows engineers to go from
prototyping
to
mass
production
without
retuning
for
manufacturing variations in PCB and/or overlay material
properties.
Figure 1. CapSense System Block Diagram
Analog Multiplexer System
The analog mux bus can connect to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch-control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces, such as sliders and
touchpads.
Chip-wide mux that allows analog input from any I/O pin.
Crosspoint connection between any I/O pin combinations.
IDAC
Reference
Buffer
Vr
Cap Sense Counters
Comparator
Mux
Mux
Refs
CapSense
Clock Select
Oscillator
CSCLK
IMO
CS1
CS2
CSN
Cexternal (P0[1]
or P0[3])
Note
3. 34 GPIOs = 31 pins for capacitive sensing+2 pins for I2C + 1 pin for modulator capacitor.


Similar Part No. - CY8C20xx7S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20XX6 CYPRESS-CY8C20XX6 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6 CYPRESS-CY8C20XX6 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6 CYPRESS-CY8C20XX6 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6 CYPRESS-CY8C20XX6 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6A CYPRESS-CY8C20XX6A Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C20xx7S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
logo
Semtech Corporation
SX9512 SEMTECH-SX9512 Datasheet
1Mb / 53P
   8 Capacitive Buttons, LEDs and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CKIT-024 CYPRESS-CY8CKIT-024 Datasheet
1Mb / 29P
   CapSense짰 Proximity Shield Kit Guide
Rev. *B
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Semtech Corporation
SX9510 SEMTECH-SX9510 Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
logo
Semtech Corporation
SX9510EVK SEMTECH-SX9510EVK Datasheet
1Mb / 56P
   8 Capacitive Buttons, LEDs, IR Decoder and Proximity Controller with Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com