Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20236A-24LKXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C20236A-24LKXI
Description  1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20236A-24LKXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C20236A-24LKXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20236A-24LKXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
CY8C20XX6A/S
1.8 V Programmable CapSense® Controller
with SmartSense™ Auto-tuning
1–33 Buttons, 0–6 Sliders
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-54459 Rev. *T
Revised June 28, 2013
1.8 V Programmable CapSense® Controller with SmartSense™ Auto-tuning 1–33 Buttons, 0–6 Sliders
Features
Low power CapSense® block with SmartSense Auto-tuning
Patented CSA_EMC, CSD sensing algorithms
SmartSense_EMC Auto-Tuning
• Sets and maintains optimal sensor performance during run
time
• Eliminates system tuning during development and
production
• Compensates for variations in manufacturing process Low
average power consumption – xx µA/sensor in run time
(wake-up and scan once every yyy ms)
Powerful Harvard-architecture processor
M8C CPU with a max speed of 24 MHz
Operating Range: 1.71 V to 5.5 V
Standby Mode 1.1 μA (Typ)
Deep Sleep 0.1 μA (Typ)
Operating Temperature range: –40 °C to +85 °C
Flexible on-chip memory
8 KB flash, 1 KB SRAM
16 KB flash, 2 KB SRAM
32 KB flash, 2 KB SRAM
Read while Write with EEPROM emulation
50,000 flash erase/write cycles
In-system programming simplifies manufacturing process
Four Clock Sources
Internal main oscillator (IMO): 6/12/24 MHz
Internal low-speed oscillator (ILO) at 32 kHz for watchdog
and sleep timers
External 32 KHz Crystal Oscillator
External Clock Input
Programmable pin configurations
Up to 36 general-purpose I/Os (GPIOs) configurable as
buttons or sliders
Dual mode GPIO (Analog inputs and Digital I/O supported)
High sink current of 25 mA per GPIO
• Max sink current 120 mA for all GPIOs
Source Current
• 5 mA on ports 0 and 1
• 1 mA on ports 2,3 and 4
Configurable internal pull-up, high-Z and open drain modes
Selectable, regulated digital I/O on port 1
Configurable input threshold on port 1
Versatile Analog functions
Internal analog bus supports connection of multiple sensors
to form ganged proximity sensor
Internal Low-Dropout voltage regulator for high power supply
rejection ratio (PSRR)
Full-Speed USB
12 Mbps USB 2.0 compliant
Additional system resources
I2C Slave:
• Selectable to 50 kHz, 100 kHz, or 400 kHz
Configurable up to 12 MHz SPI master and slave
Three 16-bit timers
Watchdog and sleep timers
Integrated supervisory circuit
10-bit incremental analog-to-digital converter (ADC) with
internal voltage reference
Two general-purpose high speed, low power analog
comparators
Complete development tools
Free development tool (PSoC Designer™)
Sensor and Package options
10 Sensors – QFN 16, 24
16 Sensors – QFN 24
22 / 25 Sensors – QFN 32
24 Sensors - WLCSP 30
31 Sensors – SSOP 48
33 Sensors – QFN 48
Errata: For information on silicon errata, see “Errata” on page 45. Details include trigger conditions, devices affected, and proposed workaround


Similar Part No. - CY8C20236A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20236A-24LKXI CYPRESS-CY8C20236A-24LKXI Datasheet
922Kb / 38P
   CapSense Applications
CY8C20236A-24LKXI CYPRESS-CY8C20236A-24LKXI Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20236A-24LKXI CYPRESS-CY8C20236A-24LKXI Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20236A-24LKXIT CYPRESS-CY8C20236A-24LKXIT Datasheet
922Kb / 38P
   CapSense Applications
CY8C20236A-24LKXIT CYPRESS-CY8C20236A-24LKXIT Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
More results

Similar Description - CY8C20236A-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX7 CYPRESS-CY8C20XX7 Datasheet
689Kb / 43P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
CY8C20X36A CYPRESS-CY8C20X36A_12 Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Texas Instruments
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com