Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8015ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8015ARZ
Description  Wideband/Differential Output Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8015ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD8015ARZ Datasheet HTML 1Page - Analog Devices AD8015ARZ Datasheet HTML 2Page - Analog Devices AD8015ARZ Datasheet HTML 3Page - Analog Devices AD8015ARZ Datasheet HTML 4Page - Analog Devices AD8015ARZ Datasheet HTML 5Page - Analog Devices AD8015ARZ Datasheet HTML 6Page - Analog Devices AD8015ARZ Datasheet HTML 7Page - Analog Devices AD8015ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
–4–
AD8015
SONET OC-3 SENSITIVITY ANALYSIS
OC-3 Minimum Bandwidth = 0.7
× 155 MHz ≈ 110 MHz
Total Current Noise = (
π/2) × 26.5 nA
= 42 nA (assuming single pole response)
To maintain a BER < 1
× 10–10 (1 error per 10 billion bits):
Minimum current level needs to be > 13
× Total Current Noise
= 541 nA (peak)
Assume a typical photodiode current/power conversion ratio
= 0.85 A/W
Sensitivity (minimum power level) = 541/0.85 nW
= 637 nW (peak)
= –32.0 dBm (peak)
= –35.0 dBm (average)
The SONET OC-3 specification allows for a minimum power
level of –31 dBm peak, or –34 dBm average. Using the AD8015
provides 1 dB margin.
FDDI SENSITIVITY ANALYSIS
FDDI Minimum Bandwidth = 0.7
× 125 MHz ≈ 88 MHz
Total Current Noise
= (π / 2) ×
88 MHz
100 MHz
× 26.5nA
= 39 nA (assuming single pole response)
To maintain a BER < 2.5
× 10–10 (1 error per 4 billion bits):
Minimum current level needs to be > 12.6
× Total Current Noise
= 492 nA (peak)
Assume a typical photodiode current/power conversion ratio
= 0.85 A/W
Sensitivity (minimum power level) = 492/0.85 nW
= 579 nW (peak)
= –32.4 dBm (peak)
= –35.4 dBm (average)
The FDDI specification allows for a minimum power level of
–28 dBm peak, or –31 dBm average. Using the AD8015 pro-
vides 4.4 dB margin.
THEORY OF OPERATION
The simplified schematic is shown in Figure 5. Q1 and Q3 make
up the input stage, with Q3 running at 300
µA and Q1 running
at 2.7 mA. Q3 runs essentially as a grounded emitter. A large
capacitor (0.01
µF) placed from V
BYP to the positive supply
shorts out the noise of R17, R21, and Q16. The first stage of the
amplifier (Q3, R2, Q4, and C1) functions as an integrator, inte-
grating current into the IIN pin. The integrator drives a differen-
tial stage (Q5, Q6, R5, R3, and R4) with gains of +3 and –3.
The differential stage then drives emitter followers (Q41, Q42,
Q60 and Q61). The positive output of the differential stage pro-
vides the feedback by driving RFB. The differential outputs are
buffered using Q7 and Q8.
The bandwidth of the AD8015 is set to within +20% of the
nominal value, 240 MHz, by factory trimming R5 to 60
Ω. The
following formula describes the AD8015 bandwidth:
Bandwidth = 1/(2
π × C1 × R
FB
× (R5 + 2 re)/R4)
where re (of Q5 and Q6) = 9
Ω each, constant over temperature,
and RFB/R4 = 43.5, constant over temperature.
The bandwidth equation simplifies, and the bandwidth depends
only on the value of C1:
Bandwidth = 1/(2
π × 3393 × C1).
Q3
INPUT
CLAMPS
Q1
IIN
Q16
R17
635
R1
300
R21
1.8k
VBYP
R2
3k
+VS
I10
0.75MA
C1 0.2pF
Q4
Q5
Q56
I1
1.5MA
I2
3MA
R5 60
R3
230
Q41
RFB
Q6
R4
230
Q7
+VS
Q42
Q8
330
330
–VS
+OUTPUT
R44 50
R43 50
I3
1MA
I4
3MA
I5
3MA
I6
1MA
I7
1MA
I8
1MA
I9
1MA
10k
Q61
Q60
–OUTPUT
Figure 5. AD8015 Simplified Schematiic


Similar Part No. - AD8015ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015AR AD-AD8015AR Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results

Similar Description - AD8015ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
[Old version datasheet]   LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
[Old version datasheet]   LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
   Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com