Electronic Components Datasheet Search |
|
CY7C25632KV18-450BZC Datasheet(PDF) 10 Page - Cypress Semiconductor |
|
CY7C25632KV18-450BZC Datasheet(HTML) 10 Page - Cypress Semiconductor |
10 / 31 page CY7C25632KV18 CY7C25652KV18 Document Number: 001-66482 Rev. *D Page 10 of 31 Write Cycle Descriptions The write cycle description table for CY7C25632KV18 follows. [12, 13] BWS0 BWS1 K K Comments L L L–H – During the data portion of a write sequence CY7C25632KV18 both bytes (D [17:0]) are written into the device. L L – L–H During the data portion of a write sequence: CY7C25632KV18 both bytes (D [17:0]) are written into the device. L H L–H – During the data portion of a write sequence: CY7C25632KV18 only the lower byte (D [8:0]) is written into the device, D[17:9] remains unaltered. L H – L–H During the data portion of a write sequence CY7C25632KV18 only the lower byte (D [8:0]) is written into the device, D[17:9] remains unaltered. H L L–H – During the data portion of a write sequence CY7C25632KV18 only the upper byte (D [17:9]) is written into the device, D[8:0] remains unaltered. H L – L–H During the data portion of a write sequence CY7C25632KV18 only the upper byte (D [17:9]) is written into the device, D[8:0] remains unaltered. H H L–H – No data is written into the devices during this portion of a write operation. H H – L–H No data is written into the devices during this portion of a write operation. Note 12. X = “Don't Care,” H = Logic HIGH, L = Logic LOW, represents rising edge. 13. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. |
Similar Part No. - CY7C25632KV18-450BZC |
|
Similar Description - CY7C25632KV18-450BZC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |