Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1474BV33-200BGXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1474BV33-200BGXC
Description  72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1474BV33-200BGXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1474BV33-200BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 14Page - Cypress Semiconductor CY7C1474BV33-200BGXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CY7C1470BV33
CY7C1472BV33
CY7C1474BV33
Document Number: 001-15031 Rev. *K
Page 11 of 34
Truth Table
The truth table for CY7C1470BV33, CY7C1472BV33, and CY7C1474BV33 follows. [1, 2, 3, 4, 5, 6, 7]
Operation
Address Used CE ZZ ADV/LD WE BWx OE CEN CLK
DQ
Deselect Cycle
None
H
L
L
X
X
X
L
L–H
Tri-State
Continue Deselect Cycle
None
X
L
H
X
X
X
L
L–H
Tri-State
Read Cycle (Begin Burst)
External
L
L
L
H
X
L
L
L–H Data Out (Q)
Read Cycle (Continue Burst)
Next
X
L
H
X
X
L
L
L–H Data Out (Q)
NOP/Dummy Read (Begin Burst)
External
L
L
L
H
X
H
L
L–H
Tri-State
Dummy Read (Continue Burst)
Next
X
L
H
X
X
H
L
L–H
Tri-State
Write Cycle (Begin Burst)
External
L
L
L
L
L
X
L
L–H
Data In (D)
Write Cycle (Continue Burst)
Next
X
L
H
X
L
X
L
L–H
Data In (D)
NOP/Write Abort (Begin Burst)
None
L
L
L
L
H
X
L
L–H
Tri-State
Write Abort (Continue Burst)
Next
X
L
H
X
H
X
L
L–H
Tri-State
Ignore Clock Edge (Stall)
Current
X
L
X
X
X
X
H
L–H
-
Sleep Mode
None
X
H
X
XXXX
X
Tri-State
Notes
1. X = “Don't Care”, H = Logic HIGH, L = Logic LOW, CE stands for ALL Chip Enables active. BWx = 0 signifies at least one Byte Write Select is active, BWx = Valid
signifies that the desired byte write selects are asserted, see Partial Write Cycle Description on page 12 for details.
2. Write is defined by WE and BW[a:d]. See Partial Write Cycle Description on page 12 for details.
3. When a write cycle is detected, all IOs are tri-stated, even during Byte Writes.
4. The DQ and DQP pins are controlled by the current cycle and the OE signal.
5. CEN = H inserts wait states.
6. Device powers up deselected with the IOs in a tri-state condition, regardless of OE.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a read cycle DQs and DQP[a:d] = tri-state when OE is
inactive or when the device is deselected, and DQs= data when OE is active.


Similar Part No. - CY7C1474BV33-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1474BV33-200BGXC CYPRESS-CY7C1474BV33-200BGXC Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474BV33-200BGXC CYPRESS-CY7C1474BV33-200BGXC Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1474BV33-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V25 CYPRESS-CY7C1470V25_11 Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_13 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_11 Datasheet
981Kb / 29P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_12 Datasheet
854Kb / 38P
   72-Mbit (2 M 횞 36/4 M 횞 18/1 M 횞 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_13 Datasheet
935Kb / 29P
   72-Mbit (2 M x 36/4 M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_13 Datasheet
506Kb / 39P
   72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1480BV25 CYPRESS-CY7C1480BV25_11 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com