Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1480V33 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1480V33
Description  72-Mbit (2 M x 36) Pipelined Sync SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1480V33 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1480V33_13 Datasheet HTML 7Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 8Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 9Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 10Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 11Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 12Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 13Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 14Page - Cypress Semiconductor CY7C1480V33_13 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CY7C1480V33
Document Number: 38-05283 Rev. *N
Page 11 of 25
ISB3
Automatic CE Power Down
Current – CMOS Inputs
VDD = Max, Device Deselected,
VIN  0.3 V or VIN > VDDQ – 0.3 V,
f = fMAX = 1/tCYC
5.0-ns cycle,
200 MHz
–245
mA
6.0-ns cycle,
167 MHz
–245
mA
ISB4
Automatic CE Power Down
Current – TTL Inputs
VDD = Max, Device Deselected,
VIN  VIH or VIN  VIL, f = 0
All speeds
135
mA
Electrical Characteristics (continued)
Over the Operating Range
Parameter [10, 11]
Description
Test Conditions
Min
Max
Unit
Capacitance
Parameter [12]
Description
Test Conditions
100-pin TQFP
Max
Unit
CADDRESS
Address input capacitance
TA = 25 C, f = 1 MHz,
VDD = 3.3 V, VDDQ = 2.5 V
6pF
CDATA
Data input capacitance
5pF
CCTRL
Control input capacitance
8pF
CCLK
Clock input capacitance
6pF
CI/O
Input/Output capacitance
5pF
Thermal Resistance
Parameter [12]
Description
Test Conditions
100-pin TQFP
Package
Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, according
to EIA/JESD51.
24.63
C/W
JC
Thermal resistance
(junction to case)
2.28
C/W
Note
12. Tested initially and after any design or process change that may affect these parameters.


Similar Part No. - CY7C1480V33_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1480V33-167AXC CYPRESS-CY7C1480V33-167AXC Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33-167AXC CYPRESS-CY7C1480V33-167AXC Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33-167AXC CYPRESS-CY7C1480V33-167AXC Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33-167AXC CYPRESS-CY7C1480V33-167AXC Datasheet
1Mb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480V33-167AXI CYPRESS-CY7C1480V33-167AXI Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1480V33_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1484BV25 CYPRESS-CY7C1484BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1484BV33 CYPRESS-CY7C1484BV33 Datasheet
923Kb / 30P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25_11 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_11 Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_11 Datasheet
1Mb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1346F CYPRESS-CY7C1346F Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346H CYPRESS-CY7C1346H Datasheet
713Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1444AV33_1105 CYPRESS-CY7C1444AV33_1105 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_12 Datasheet
1,015Kb / 33P
   72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com