Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1472V25 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1472V25
Description  72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1472V25 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1472V25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1472V25 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
CY7C1470V25
CY7C1472V25
CY7C1474V25
Document Number: 38-05290 Rev. *R
Page 11 of 39
Single Write Accesses
Write accesses are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) the write signal WE is
asserted LOW. The address presented to the address inputs is
loaded into the address register. The write signals are latched
into the control logic block.
On the subsequent clock rise the data lines are automatically
tri-stated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
(DQa,b,c,d,e,f,g,h/DQPa,b,c,d,e,f,g,h
for
CY7C1474V25,
DQa,b,c,d/DQPa,b,c,d for CY7C1470V25 and DQa,b/DQPa,b for
CY7C1472V25). In addition, the address for the subsequent
access (read/write/deselect) is latched into the address register
(provided the appropriate control signals are asserted).
On the next clock rise the data presented to DQ and DQP
(DQa,b,c,d,e,f,g,h/DQPa,b,c,d,e,f,g,h
for
CY7C1474V25,
DQa,b,c,d/DQPa,b,c,d for CY7C1470V25 & DQa,b/DQPa,b for
CY7C1472V25) (or a subset for byte write operations, see Write
Cycle Description table for details) inputs is latched into the
device and the write is complete.
The data written during the write operation is controlled by BW
(BWa,b,c,d,e,f,g,h for CY7C1474V25, BWa,b,c,d for CY7C1470V25
and
BWa,b
for
CY7C1472V25)
signals.
The
CY7C1470V25/CY7C1472V25/CY7C1474V25 provides byte
write capability that is described in the Write Cycle Description
table. Asserting the write enable input (WE) with the selected
byte write select (BW) input will selectively write to only the
desired bytes. Bytes not selected during a byte write operation
will
remain
unaltered.
A
synchronous
self-timed
write
mechanism has been provided to simplify the write operations.
Byte write capability has been included in order to greatly simplify
read/modify/write sequences, which can be reduced to simple
byte write operations.
Because the CY7C1470V25/CY7C1472V25/CY7C1474V25 are
common I/O devices, data should not be driven into the device
while the outputs are active. The output enable (OE) can be
deasserted HIGH before presenting data to the DQ and DQP
(DQa,b,c,d,e,f,g,h/DQPa,b,c,d,e,f,g,h
for
CY7C1474V25,
DQa,b,c,d/DQPa,b,c,d for CY7C1470V25 and DQa,b/DQPa,b for
CY7C1472V25) inputs. Doing so will tri-state the output drivers.
As
a
safety
precaution,
DQ
and
DQP
(DQa,b,c,d,e,f,g,h/DQPa,b,c,d,e,f,g,h
for
CY7C1474V25,
DQa,b,c,d/DQPa,b,c,d for CY7C1470V25 and DQa,b/DQPa,b for
CY7C1472V25) are automatically tri-stated during the data
portion of a write cycle, regardless of the state of OE.
Burst Write Accesses
The
CY7C1470V25/CY7C1472V25/CY7C1474V25
has
an
on-chip burst counter that allows the user the ability to supply a
single address and conduct up to four write operations without
reasserting the address inputs. ADV/LD must be driven LOW in
order to load the initial address, as described in Single Write
Accesses on page 11. When ADV/LD is driven HIGH on the
subsequent clock rise, the chip enables (CE1, CE2, and CE3)
and WE inputs are ignored and the burst counter is incremented.
The correct BW (BWa,b,c,d,e,f,g,h for CY7C1474V25, BWa,b,c,d for
CY7C1470V25 and BWa,b for CY7C1472V25) inputs must be
driven in each cycle of the burst write in order to write the correct
bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the “sleep” mode. CE1, CE2,
and CE3, must remain inactive for the duration of tZZREC after the
ZZ input returns LOW.
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ
 V
DD 0.2 V
120
mA
tZZS
Device operation to ZZ
ZZ
 V
DD  0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns


Similar Part No. - CY7C1472V25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1472V25 CYPRESS-CY7C1472V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1472V25 CYPRESS-CY7C1472V25 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472V25 CYPRESS-CY7C1472V25 Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472V25-167AXC CYPRESS-CY7C1472V25-167AXC Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1472V25-167AXC CYPRESS-CY7C1472V25-167AXC Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1472V25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V25 CYPRESS-CY7C1470V25_11 Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_12 Datasheet
854Kb / 38P
   72-Mbit (2 M 횞 36/4 M 횞 18/1 M 횞 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_13 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_11 Datasheet
981Kb / 29P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_13 Datasheet
935Kb / 29P
   72-Mbit (2 M x 36/4 M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com