Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441AV25-133BZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1441AV25-133BZXI
Description  36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441AV25-133BZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1441AV25-133BZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1441AV25-133BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CY7C1441AV25
CY7C1447AV25
36-Mbit (1 M × 36/512 K × 72)
Flow-Through SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-75380 Rev. *B
Revised March 7, 2013
36-Mbit (1 M × 36/512 K × 72) Flow-Through SRAM
Features
Supports 133 MHz bus operations
1 M × 36/512 K × 72 common I/O
2.5 V core power supply
2.5 V and 1.8 V I/O power supply
Fast clock-to-output times
6.5 ns (133 MHz version)
Provide high performance 2-1-1-1 access rate
User selectable burst counter supporting IntelPentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self timed write
Asynchronous output enable
CY7C1441AV25 available in Pb-free 165-ball FBGA package.
CY7C1447AV25 available in non Pb-free 209-ball FBGA
package.
JTAG boundary scan for FBGA package
ZZ sleep mode option
Functional Description
The
CY7C1441AV25/CY7C1447AV25
are
2.5 V,
1 M × 36/512 K × 72 Synchronous Flow-Through SRAMs,
designed to interface with high speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
6.5 ns (133 MHz version). A 2-bit on-chip counter captures the
first address in a burst and increments the address automatically
for the rest of the burst access. All synchronous inputs are gated
by registers controlled by a positive edge-triggered Clock Input
(CLK). The synchronous inputs include all addresses, all data
inputs, address pipelining Chip Enable (CE1), depth expansion
Chip Enables (CE2 and CE3), Burst Control inputs (ADSC,
ADSP, and ADV), Write Enables (BWx and BWE), and Global
Write (GW). Asynchronous inputs include the Output Enable
(OE) and the ZZ pin.
The CY7C1441AV25/CY7C1447AV25 allows either interleaved
or linear burst sequences, selected by the MODE input pin. A
HIGH selects an interleaved burst sequence and a LOW selects
a linear burst sequence. Burst accesses can be initiated with the
Processor Address Strobe (ADSP) or the cache Controller
Address Strobe (ADSC) inputs. Address advancement is
controlled by the Address Advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either ADSP or ADSC are active. Subsequent burst
addresses can be internally generated as controlled by the ADV.
The CY7C1441AV25/CY7C1447AV25 operates from a
+2.5 V core power supply while all outputs may operate with
either a +2.5 V or 1.8 V supply. All inputs and outputs are
JEDEC-standard JESD8-5 compatible.
Selection Guide
Description
133 MHz
Unit
Maximum Access Time
6.5
ns
Maximum Operating Current
270
mA
Maximum CMOS Standby Current
120
mA


Similar Part No. - CY7C1441AV25-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV25-133BZXI CYPRESS-CY7C1441AV25-133BZXI Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV25-133BZXI CYPRESS-CY7C1441AV25-133BZXI Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
More results

Similar Description - CY7C1441AV25-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1461AV33 CYPRESS-CY7C1461AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1381D CYPRESS-CY7C1381D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
   36-Mbit (1 M x 36) Flow-Through SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25_13 Datasheet
713Kb / 21P
   72-Mbit (2 M x 36) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1380D CYPRESS-CY7C1380D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com