Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1381D-133AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1381D-133AXC
Description  18-Mbit (512 K x 36/1 M x 18) Flow-Through SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1381D-133AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1381D-133AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1381D-133AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CY7C1381D
CY7C1383D
CY7C1383F
18-Mbit (512 K × 36/1 M × 18)
Flow-Through SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05544 Rev. *P
Revised April 22, 2013
18-Mbit (512 K × 36/1 M × 18) Flow Through SRAM
Features
Supports 133 MHz bus operations
512 K × 36 and 1 M × 18 common I/O
3.3 V core power supply (VDD)
2.5 V or 3.3 V I/O supply (VDDQ)
Fast clock-to-output time
6.5 ns (133 MHz version)
Provides high performance 2-1-1-1 access rate
User selectable burst counter supporting Intel Pentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self-timed write
Asynchronous output enable
CY7C1381D available in JEDEC-standard Pb-free 100-pin
TQFP, Pb-free and non Pb-free 165-ball FBGA package.
CY7C1383D available in JEDEC-standard Pb-free 100-pin
TQFP. CY7C1383F available in non Pb-free 165-ball FBGA
package.
IEEE 1149.1 JTAG-Compatible Boundary Scan
ZZ sleep mode option
Functional Description
The CY7C1381D/CY7C1383D/CY7C1383F is a 3.3 V,
512 K × 36 and 1 M × 18 synchronous flow through SRAMs,
designed to interface with high speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
6.5 ns (133 MHz version). A 2-bit on-chip counter captures the
first address in a burst and increments the address automatically
for the rest of the burst access. All synchronous inputs are gated
by registers controlled by a positive edge triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address pipelining chip enable (CE1), depth-expansion
chip enables (CE2 and CE3), burst control inputs (ADSC, ADSP,
and ADV), write enables (BWx, and BWE), and global write
(GW). Asynchronous inputs include the output enable (OE) and
the ZZ pin.
The CY7C1381D/CY7C1383D/CY7C1383F allows interleaved
or linear burst sequences, selected by the MODE input pin. A
HIGH selects an interleaved burst sequence, while a LOW
selects a linear burst sequence. Burst accesses can be initiated
with the processor address strobe (ADSP) or the cache
controller address strobe (ADSC) inputs. Address advancement
is controlled by the address advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when address strobe processor (ADSP) or address strobe
controller (ADSC) are active. Subsequent burst addresses can
be internally generated as controlled by the advance pin (ADV).
CY7C1381D/CY7C1383D/CY7C1383F operates from a +3.3 V
core power supply while all outputs operate with a +2.5 V or +3.3
V supply. All inputs and outputs are JEDEC-standard and
JESD8-5-compatible.
Selection Guide
Description
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
210
175
mA
Maximum CMOS Standby Current
70
70
mA


Similar Part No. - CY7C1381D-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381D-133AXC CYPRESS-CY7C1381D-133AXC Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D-133AXC CYPRESS-CY7C1381D-133AXC Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D-133AXC CYPRESS-CY7C1381D-133AXC Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
More results

Similar Description - CY7C1381D-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV33 CYPRESS-CY7C1441AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
CY7C1380D CYPRESS-CY7C1380D_13 Datasheet
1Mb / 37P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25_13 Datasheet
1Mb / 33P
   36-Mbit (1 M x 36/512 K x 72) Flow-Through SRAM
CY7C1363D CYPRESS-CY7C1363D Datasheet
755Kb / 22P
   9-Mbit (512 K x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_11 Datasheet
1Mb / 34P
   18 Mbit (512 K 횞 36/1 M 횞 18) Flow Through SRAM
CY7C1461AV33 CYPRESS-CY7C1461AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_11 Datasheet
795Kb / 32P
   9-Mbit (256 K x 36 / 512 K x 18) Flow-through SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com