Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1350G-200AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1350G-200AXI
Description  4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G-200AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1350G-200AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G-200AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY7C1350G
Document Number: 38-05524 Rev. *N
Page 4 of 22
Figure 2. 119-Ball BGA (14 × 22 × 2.4 mm) pinout[2]
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
DQA
VDDQ
NC/576M
NC/1G
DQC
DQD
DQC
DQD
AA
A
A
NC/18M
VDDQ
CE2
A
VDDQ
VDDQ
VDDQ
VDDQ
NC/144M
NC
A
DQC
DQC
DQD
DQD
NC
VDD
A
NC/72M
DQPD
A
A
ADV/LD
A
CE3
NC
VDD
AA
NC
VSS
VSS
NC
DQPB
DQB
DQB
DQA
DQB
DQB
DQA
DQA
NC
NC
NC
VDDQ
NC
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
MODE
CE1
VSS
OE
VSS
VDDQ
BWC
NC/9M
VSS
WE
VDDQ
VDD
VSS
VDD
VSS
CLK
NC
BWA
CEN
VSS
VDDQ
VSS
ZZ
NC/288M
A
A
A1
A0
VSS
VDD
DQPC
DQB
A
NC/36M
DQC
DQB
DQC
DQC
DQC
DQB
DQB
DQA
DQA
DQA
DQA
DQPA
DQD
DQD
DQD
DQD
BWD
BWB
NC
Note
2. Errata: The ZZ ball (T7) needs to be externally connected to ground. For more information, see "Errata" on page 20.


Similar Part No. - CY7C1350G-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G-200AXI CYPRESS-CY7C1350G-200AXI Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G-200AXI CYPRESS-CY7C1350G-200AXI Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-200AXI CYPRESS-CY7C1350G-200AXI Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1350G-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_12 Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
   4-Mbit (128 K x 36) Pipelined Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com