Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1350G-200AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1350G-200AXC
Description  4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350G-200AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1350G-200AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1350G-200AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CY7C1350G
Document Number: 38-05524 Rev. *N
Page 3 of 22
Selection Guide
Description
200 MHz
133 MHz
Unit
Maximum access time
2.8
4.0
ns
Maximum operating current
265
225
mA
Maximum CMOS standby current
40
40
mA
Pin Configurations
Figure 1. 100-pin TQFP (14 × 20 × 1.4 mm) pinout[1]
Note
1. Errata: The ZZ pin (Pin 64) needs to be externally connected to ground. For more information, see "Errata" on page 20.
DQPB
DQB
DQB
VDDQ
VSS
DQB
DQB
DQB
DQB
VSS
VDDQ
DQB
DQB
VSS
NC
VDD
DQA
DQA
VDDQ
VSS
DQA
DQA
DQA
DQA
VSS
VDDQ
DQA
DQA
DQPA
DQPC
DQC
DQC
VDDQ
VSS
DQC
DQC
DQC
DQC
VSS
VDDQ
DQC
DQC
NC
VDD
NC
VSS
DQD
DQD
VDDQ
VSS
DQD
DQD
DQD
DQD
VSS
VDDQ
DQD
DQD
DQPD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1350G
BYTE B
BYTE A
BYTE C
BYTE D


Similar Part No. - CY7C1350G-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G-200AXC CYPRESS-CY7C1350G-200AXC Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G-200AXC CYPRESS-CY7C1350G-200AXC Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1350G-200AXC CYPRESS-CY7C1350G-200AXC Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1350G-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
   4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_12 Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
   4-Mbit (128 K x 36) Pipelined Sync SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com