Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1352G Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1352G
Description  4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352G Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1352G_13 Datasheet HTML 1Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 2Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 3Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 4Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 5Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 6Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 7Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 8Page - Cypress Semiconductor CY7C1352G_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CY7C1352G
Document Number: 38-05514 Rev. *L
Page 4 of 21
Pin Configuration
Figure 1. 100-pin TQFP (14 × 20 × 1.4 mm) pinout[1]
A
NC
NC
VDDQ
VSS
NC
DQPA
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
DQA
DQA
VDDQ
VSS
DQA
DQA
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQB
DQB
VSS
VDDQ
DQB
DQB
NC
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
ZZ
CY7C1352G
BYTE A
BYTE B
Note
1. Errata: The ZZ pin (Pin 64) needs to be externally connected to ground. For more information, see "Errata" on page 18.


Similar Part No. - CY7C1352G_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G-133AXC CYPRESS-CY7C1352G-133AXC Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1352G-133AXI CYPRESS-CY7C1352G-133AXI Datasheet
223Kb / 13P
   4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1352G-133AXI CYPRESS-CY7C1352G-133AXI Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1352G_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com