Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1338G Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1338G
Description  4-Mbit (128 K x 32) Flow-Through Sync SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1338G Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1338G_13 Datasheet HTML 2Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 3Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 4Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 5Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 6Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 7Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 8Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 9Page - Cypress Semiconductor CY7C1338G_13 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CY7C1338G
Document Number: 38-05521 Rev. *J
Page 6 of 22
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
40
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit sleep current
This parameter is sampled
0
ns


Similar Part No. - CY7C1338G_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G-133AXC CYPRESS-CY7C1338G-133AXC Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-133AXC CYPRESS-CY7C1338G-133AXC Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-133AXI CYPRESS-CY7C1338G-133AXI Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-133AXI CYPRESS-CY7C1338G-133AXI Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-133BGC CYPRESS-CY7C1338G-133BGC Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1338G_13

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G CYPRESS-CY7C1338G_12 Datasheet
593Kb / 21P
   4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_13 Datasheet
771Kb / 24P
   4-Mbit (128 K x 36) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com