Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1325H-133AXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1325H-133AXI
Description  4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325H-133AXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1325H-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1325H-133AXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
CY7C1325H
Document Number: 001-86114 Rev. **
Page 9 of 21
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature ................................ –65 °C to +150 °C
Ambient temperature with
power applied .......................................... –55 °C to +125 °C
Supply voltage on VDD relative to GND .......–0.5 V to +4.6 V
Supply voltage on VDDQ relative to GND ...... –0.5 V to +VDD
DC voltage applied to outputs
in tristate ...........................................–0.5 V to VDDQ + 0.5 V
DC input voltage ................................. –0.5 V to VDD + 0.5 V
Current into outputs (LOW) ........................................ 20 mA
Static discharge voltage
(per MIL-STD-883, method 3015) .......................... > 2001 V
Latch-up current .................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VDD
VDDQ
Industrial
-40 °C to +85 °C
3.3 V
5% /
+ 10%
2.5 V – 5% to
VDD
Neutron Soft Error Immunity
Parameter
Description
Test
Conditions Typ Max* Unit
LSBU
Logical
single bit
upsets
25 °C
361
394
FIT/
Mb
LMBU
Logical multi
bit upsets
25 °C
0
0.01
FIT/
Mb
SEL
Single event
latch up
85 °C
0
0.1
FIT/
Dev
* No LMBU or SEL events occurred during testing; this column represents a
statistical
2, 95% confidence limit calculation. For more details refer to
Application Note AN54908 “Accelerated Neutron SER Testing and Calculation of
Terrestrial Failure Rates”.
Electrical Characteristics
Over the Operating Range
Parameter [7, 8]
Description
Test Conditions
Min
Max
Unit
VDD
Power supply voltage
3.135
3.6
V
VDDQ
I/O supply voltage
2.375
VDD
V
VOH
Output HIGH voltage
for 3.3 V I/O, IOH = –4.0 mA
2.4
V
for 2.5 V I/O, IOH = –1.0 mA
2.0
V
VOL
Output LOW voltage
for 3.3 V I/O, IOL = 8.0 mA
0.4
V
for 2.5 V I/O, IOL = 1.0 mA
0.4
V
VIH
Input HIGH voltage
for 3.3 V I/O
2.0
VDD + 0.3
V
for 2.5 V I/O
1.7
VDD + 0.3
V
VIL
Input LOW voltage[7]
for 3.3 V I/O
–0.3
0.8
V
for 2.5 V I/O
–0.3
0.7
V
IX
Input leakage current except ZZ
and MODE
GND
 VI  VDDQ
55
A
Input current of MODE
Input = VSS
–30
A
Input = VDD
–5
A
Input current of ZZ
Input = VSS
–5
A
Input = VDD
–30
A
IOZ
Output leakage current
GND
 VI  VDDQ, output disabled
–5
5
A
IDD
VDD operating supply current
VDD = Max, IOUT = 0 mA,
f = fMAX= 1/tCYC
7.5 ns cycle,
133 MHz
–225
mA
Notes
7. Overshoot: VIH(AC) < VDD + 1.5 V (Pulse width less than tCYC/2), undershoot: VIL(AC) > –2 V (Pulse width less than tCYC/2).
8. Tpower up: Assumes a linear ramp from 0 V to VDD(min) within 200 ms. During this time VIH < VDD and VDDQ < VDD.


Similar Part No. - CY7C1325H-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-100AC CYPRESS-CY7C1325-100AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-117AC CYPRESS-CY7C1325-117AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-50AC CYPRESS-CY7C1325-50AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
CY7C1325-80AC CYPRESS-CY7C1325-80AC Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
More results

Similar Description - CY7C1325H-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1328G CYPRESS-CY7C1328G_12 Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_12 Datasheet
593Kb / 21P
   4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
CY7C1353G CYPRESS-CY7C1353G_12 Datasheet
535Kb / 18P
   4-Mbit (256 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_11 Datasheet
805Kb / 21P
   4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com