Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C131AE-15JXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C131AE-15JXI
Description  1 K / 2 K x 8 Dual-port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131AE-15JXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C131AE-15JXI Datasheet HTML 1Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 2Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 3Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 4Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 5Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 6Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 7Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 8Page - Cypress Semiconductor CY7C131AE-15JXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CY7C131E, CY7C131AE
CY7C136E, CY7C136AE
Document Number: 001-64231 Rev. *E
Page 2 of 20
Contents
Pin Configurations ........................................................... 3
Pin Definitions .................................................................. 3
Selection Guide ................................................................ 3
Maximum Ratings ............................................................. 4
Operating Range ............................................................... 4
Electrical Characteristics ................................................. 4
Capacitance[10] ................................................................ 5
AC Test Loads and Waveforms ....................................... 5
Switching Characteristics ................................................ 6
Switching Characteristics ................................................ 8
Switching Waveforms .................................................... 10
Ordering Information ...................................................... 15
Ordering Code Definitions ......................................... 15
Package Diagrams .......................................................... 16
Acronyms ........................................................................ 17
Document Conventions ................................................. 17
Units of Measure ....................................................... 17
Appendix: Silicon Errata for
CY7C131E/131AE/136E/136AE 1K/2K × 8
Dual Port Static RAM ...................................................... 18
Part Numbers Affected .............................................. 18
CY7C131E/131AE/136E/136AE
Qualification Status ........................................................... 18
CY7C131E/131AE/136E/136AE
Errata Summary ............................................................... 18
Document History Page ................................................. 19
Sales, Solutions, and Legal Information ...................... 20
Worldwide Sales and Design Support ....................... 20
Products .................................................................... 20
PSoC Solutions ......................................................... 20


Similar Part No. - CY7C131AE-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131AE-15JXI CYPRESS-CY7C131AE-15JXI Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
More results

Similar Description - CY7C131AE-15JXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
CY62138F CYPRESS-CY62138F_13 Datasheet
628Kb / 16P
   2-Mbit (256 K x 8) Static RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com