Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C006A-20JXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C006A-20JXC
Description  16 K 횞 8 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006A-20JXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C006A-20JXC Datasheet HTML 1Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 2Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 3Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 4Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CY7C006A
Document Number: 38-06045 Rev. *G
Page 2 of 22
Contents
Pin Configurations ........................................................... 3
Selection Guide ................................................................ 4
Pin Definitions .................................................................. 4
Architecture ...................................................................... 4
Functional Description ..................................................... 4
Write Operation ........................................................... 4
Read Operation ........................................................... 5
Interrupts ..................................................................... 5
Busy ............................................................................ 5
Master/Slave ............................................................... 5
Semaphore Operation ................................................. 5
Maximum Ratings ............................................................. 6
Operating Range ............................................................... 6
Electrical Characteristics ................................................. 6
Capacitance ...................................................................... 7
AC Test Loads and Waveforms ....................................... 7
Data Retention Mode ........................................................ 7
Timing ................................................................................ 7
Switching Characteristics ................................................ 8
Switching Waveforms .................................................... 10
Non-Contending Read/Write .......................................... 16
Interrupt Operation Example ......................................... 16
Semaphore Operation Example .................................... 16
Ordering Information ...................................................... 17
16 K × 8 Asynchronous Dual-Port SRAM ................. 17
Ordering Code Definitions ......................................... 17
Package Diagrams .......................................................... 18
Acronyms ........................................................................ 20
Document Conventions ................................................. 20
Units of Measure ....................................................... 20
Document History Page ................................................. 21
Sales, Solutions, and Legal Information ...................... 22
Worldwide Sales and Design Support ....................... 22
Products .................................................................... 22
PSoC Solutions ......................................................... 22


Similar Part No. - CY7C006A-20JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A-20JXC CYPRESS-CY7C006A-20JXC Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
More results

Similar Description - CY7C006A-20JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130_12 Datasheet
480Kb / 22P
   1 K 횞 8 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com