Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT594S16-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74AHCT594S16-13
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT594S16-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  74AHCT594S16-13 Datasheet HTML 1Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 2Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 3Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 4Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 5Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 6Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 7Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 8Page - Diodes Incorporated 74AHCT594S16-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74AHCT594
Document number: DS35485 Rev. 2 - 2
2 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74AHCT594
Pin Descriptions
Pin Number
Pin Name
Description
1
Q1
Parallel Data Output 1
2
Q2
Parallel Data Output 2
3
Q3
Parallel Data Output 3
4
Q4
Parallel Data Output 4
5
Q5
Parallel Data Output 5
6
Q6
Parallel Data Output 6
7
Q7
Parallel Data Output 7
8
GND
Ground
9
Q7S
Serial Data Output
10
SHR
Shift Register Reset active low
11
SHCP
Shift Register Clock Input
12
STCP
Storage Register Clock Input
13
STR
Storage Register Reset active low
14
DS
Serial Data input
15
Q0
Parallel Data Output 0
16
Vcc
Supply Voltage
Functional Diagram
Logic Diagram
R
DQ
CP
FF0
DQ
CP
LATCH
STAGE 0
DQ
STAGES 1 TO 6
R
DQ
CP
FF7
DQ
CP
LATCH
STAGE 7
DS
SHCP
SHR
STCP
STR
Q0
Q1 Q2 Q3
Q5
Q4
Q6
Q7
R
R


Similar Part No. - 74AHCT594S16-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT594 PHILIPS-74AHCT594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
74AHCT594 NXP-74AHCT594 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
logo
Nexperia B.V. All right...
74AHCT594 NEXPERIA-74AHCT594 Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHCT594-Q100 NEXPERIA-74AHCT594-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHCT594BQ PHILIPS-74AHCT594BQ Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
More results

Similar Description - 74AHCT594S16-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com