Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC595T16-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # 74AHC595T16-13
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC595T16-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button 74AHC595T16-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 8Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 9Page - Diodes Incorporated 74AHC595T16-13 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
74AHC595
Document number: DS35486 Rev. 3 - 2
8 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74AHC595
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Package Type: SO-16
Package Type: TSSOP-16
SO-16
Dim
Min
Max
A
1.40
1.75
A1
0.10
0.25
A2
1.30
1.50
B
0.33
0.51
C
0.19
0.25
D
9.80
10.00
E
3.80
4.00
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
Θ
0
8

All Dimensions in mm
TSSOP-16
Dim Min
Max
Typ
A
-
1.08
-
A1
0.05 0.15
-
A2
0.80 0.93
-
b
0.19 0.30
-
c
0.09 0.20
-
D
4.90 5.10
-
E
6.40 BSC
E1
4.30 4.50
-
e
0.65 BSC
L
0.45 0.75
-
L1
1.00 REF
L2
0.25 BSC
R
0.09
-
-
R1
0.09
-
-
X
-
-
1.350
Y
-
-
1.050
Θ
-
Θ1
15°
-
Θ2
-
-
All Dimensions in mm
D
E
H
L
A2
B
e
A1
A
C
Detail ‘A’
Detail ‘A’
Gauge Plane
PIN 1
e
b
E
E/2
E1
A2
A
D
A1
X
Y
SEE DETAIL 'A'
SEATING PLANE
GAUGE
PLANE
R
L
L1
L2
Ø0.760Depth0.050±0.02
R1
x)

C
DETAIL 'A'


Similar Part No. - 74AHC595T16-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
logo
Nexperia B.V. All right...
74AHC595 NEXPERIA-74AHC595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74AHC595BQ NXP-74AHC595BQ Datasheet
127Kb / 21P
   NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
logo
Nexperia B.V. All right...
74AHC595BQ NEXPERIA-74AHC595BQ Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
More results

Similar Description - 74AHC595T16-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com