Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2024DRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2024DRG4
Description  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2024DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2024DRG4 Datasheet HTML 3Page - Texas Instruments TPS2024DRG4 Datasheet HTML 4Page - Texas Instruments TPS2024DRG4 Datasheet HTML 5Page - Texas Instruments TPS2024DRG4 Datasheet HTML 6Page - Texas Instruments TPS2024DRG4 Datasheet HTML 7Page - Texas Instruments TPS2024DRG4 Datasheet HTML 8Page - Texas Instruments TPS2024DRG4 Datasheet HTML 9Page - Texas Instruments TPS2024DRG4 Datasheet HTML 10Page - Texas Instruments TPS2024DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
TABLE OF TIMING DIAGRAMS
2
4
6
8
10
12
14
16
18
20
t − Time − ms
0
VIN = 5 V
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
VI(EN) (5 V/div)
2
4
6
8
10
12
14
16
18
20
t − Time − ms
VI(EN) (5 V/div)
0
VI(IN) = 5 V
RL = 27 Ω
TA = 25°C
VO(OUT) (2 V/div)
VI(EN)
VO(OUT)
TPS2020
,, TPS2021
TPS2022, TPS2023, TPS2024
SLVS175C – DECEMBER 1998 – REVISED SEPTEMBER 2007
PARAMETER MEASURMENT INFORMATION (continued)
FIGURE
Turnon Delay and Rise TIme
2
Turnoff Delay and Fall Time
3
Turnon Delay and Rise TIme with 1-
μF Load
4
Turnoff Delay and Rise TIme with 1-
μF Load
5
Device Enabled into Short
6
7, 8, 9, 10,
TPS2020, TPS2021, TPS2022, TPS2023, and TPS2024, Ramped Load on Enabled Device
11
TPS2024, Inrush Current
12
7.9-
Ω Load Connected to an Enabled TPS2020 Device
13
3.7-
Ω Load Connected to an Enabled TPS2020 Device
14
3.7-
Ω Load Connected to an Enabled TPS2021 Device
15
2.6-
Ω Load Connected to an Enabled TPS2021 Device
16
2.6-
Ω Load Connected to an Enabled TPS2022 Device
17
1.2-
Ω Load Connected to an Enabled TPS2022 Device
18
1.2-
Ω Load Connected to an Enabled TPS2023 Device
19
0.9-
Ω Load Connected to an Enabled TPS2023 Device
20
0.9-
Ω Load Connected to an Enabled TPS2024 Device
21
0.5-
Ω Load Connected to an Enabled TPS2024 Device
22
Figure 2. Turnon Delay and Rise Time
Figure 3. Turnoff Delay and Fall Time
Copyright © 1998–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2020 TPS2021 TPS2022 TPS2023 TPS2024


Similar Part No. - TPS2024DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2024D TI-TPS2024D Datasheet
377Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2024DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com