Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5510 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5510
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5510 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5510 Datasheet HTML 5Page - Texas Instruments TLC5510 Datasheet HTML 6Page - Texas Instruments TLC5510 Datasheet HTML 7Page - Texas Instruments TLC5510 Datasheet HTML 8Page - Texas Instruments TLC5510 Datasheet HTML 9Page - Texas Instruments TLC5510 Datasheet HTML 10Page - Texas Instruments TLC5510 Datasheet HTML 11Page - Texas Instruments TLC5510 Datasheet HTML 12Page - Texas Instruments TLC5510 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
C1
D1
C3
C4
C5
C6
C2
C11
C9
C7
C8
C10
C12
R5
R4
R2
R1
Q1
D3
D2
TP3
R3
C11
FB2
FB3
FB7
FB1
VREF
ADJ
TP1
J1
VDDD
VDDA
VDDA
REFTS
REFT
VDDA
ANALOG IN
AGND
AGND
REFBS
REFB
DGND
12
11
10
9
8
7
6
5
4
3
2
1
13
14
15
16
17
18
19
20
21
22
23
24
CLK
VDDD
D8 (MSB)
D7
D6
D5
D4
D3
D2
D1 (LSB)
DGND
OE
TLC5510
AVDD
5 V
Clock
Output
Enable
DVDD
5 V
Video
Input
JP2
JP1
JP4
JP3
– 5 V
NOTE A: Shorting JP1 and JP3 allows adjustment of the reference voltage by R5 using temperature-compensating diodes D2 and D3
which compensate for D1 and Q1 variations. By shorting JP2 and JP4, the internal divider generates a nominal 2-V reference.
LOCATION
DESCRIPTION
C1, C3 – C4, C6 – C12
0.1-
µF capacitor
C2
10-pF capacitor
C5
47-
µF capacitor
FB1, FB2, FB3, FB7
Ferrite bead
Q1
2N3414 or equivalent
R1, R3
75-
Ω resistor
R2
500-
Ω resistor
R4
10-k
Ω resistor, clamp voltage adjust
R5
300-
Ω resistor, reference-voltage fine adjust
Figure 5. TLC5510 Evaluation and Test Schematic


Similar Part No. - TLC5510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510A TI-TLC5510A Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSR TI-TLC5510INSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com