Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62590DRVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVT
Description  1-A Step Down Converter in 2 x 2 QFN Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62590DRVT Datasheet HTML 3Page - Texas Instruments TPS62590DRVT Datasheet HTML 4Page - Texas Instruments TPS62590DRVT Datasheet HTML 5Page - Texas Instruments TPS62590DRVT Datasheet HTML 6Page - Texas Instruments TPS62590DRVT Datasheet HTML 7Page - Texas Instruments TPS62590DRVT Datasheet HTML 8Page - Texas Instruments TPS62590DRVT Datasheet HTML 9Page - Texas Instruments TPS62590DRVT Datasheet HTML 10Page - Texas Instruments TPS62590DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1.78
1.8
1.82
1.84
1.86
1.88
1.9
PFMMode,VoltagePositioningOn
PWMMode
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =2.7V, T =25°C
I
A
V =3.6V, T =25°C
I
A
V =4.5V, T =25°C
I
A
V =1.8V,
MODE=GND
O
V
=1.8V,
MODE=V
O
I
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
1.75
1.77
1.79
1.81
1.83
1.85
V =2.7V, T
=25°C
I
A
V =3.6V, T
=25°C
I
A
V =4.5V, T
=25°C
I
A
3.25
3.27
3.29
3.31
3.33
3.35
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =5V, T
=25°C
I
A
V =3.7V, T
=25°C
I
A
V =4.5V, T
=25°C
I
A
V =4.2V, T
=25°C
I
A
V
=3.3V,
MODE=V
O
I
3.2
3.24
3.28
3.32
3.36
3.4
0.00001
0.0001
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =4.5V, T =25°C
I
A
V =4.2V, T =25°C
I
A
V =3.3V,
MODE=GND
O
PFMMode,VoltagePositioningOn
PWMMode
TPS62590
www.ti.com
SLVS897B
– JANUARY 2009 – REVISED APRIL 2011
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
Copyright
© 2009–2011, Texas Instruments Incorporated
7


Similar Part No. - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter
TPS62590DRVT TI1-TPS62590DRVT Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI1-TPS62290_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com