Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61042DRBTG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61042DRBTG4
Description  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61042DRBTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61042DRBTG4 Datasheet HTML 7Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 8Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 9Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 10Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 11Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 12Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 13Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 14Page - Texas Instruments TPS61042DRBTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
Overvoltage Protection (OVP)
Undervoltage Lockout
Thermal Shutdown
TPS61042
SLVS441C – DECEMBER 2002 – REVISED MARCH 2007
DETAILED DESCRIPTION (continued)
As with any current source, the output voltage rises as the output impedance increases or is disconnected. To
prevent the output voltage from exceeding the maximum main switch (Q1) voltage rating of 30 V, an overvoltage
protection circuit is integrated. When the output voltage exceeds the OVP threshold voltage, (Q1) turns off. The
converter switch remains off until the output voltage falls below the OVP threshold voltage. As long as the output
voltage is below the OVP threshold the converter continues its normal operation, until the output voltage
exceeds the OVP threshold again.
An undervoltage lockout feature prevents mis-operation of the device at input voltages below 1.5 V (typ). As long
as the input voltage is below the undervoltage threshold the device remains off, with the main MOSFET switch
(Q1) and the LED switch (Q2) open.
An internal thermal shutdown is implemented in the TPS61042 that shuts down the device if the typical junction
temperature of 160
°C is exceeded. If the device is in thermal shutdown mode, the main MOSFET switch (Q1)
and the LED switch (Q2) are open.
11
Submit Documentation Feedback


Similar Part No. - TPS61042DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042DRB TI-TPS61042DRB Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
TPS61042DRBR TI-TPS61042DRBR Datasheet
713Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results

Similar Description - TPS61042DRBTG4

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com