Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2021DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2021DR
Description  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2021DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2021DR Datasheet HTML 6Page - Texas Instruments TPS2021DR Datasheet HTML 7Page - Texas Instruments TPS2021DR Datasheet HTML 8Page - Texas Instruments TPS2021DR Datasheet HTML 9Page - Texas Instruments TPS2021DR Datasheet HTML 10Page - Texas Instruments TPS2021DR Datasheet HTML 11Page - Texas Instruments TPS2021DR Datasheet HTML 12Page - Texas Instruments TPS2021DR Datasheet HTML 13Page - Texas Instruments TPS2021DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
t − Time − ms
0
II(IN) (500 mA/div)
VI(EN)
II(IN)
RL = 10 Ω
TA = 25°C
VI(EN) (5 V/div)
470
µF
47
µF
150
µF
200 400 600 800 1000 1200 1400 1600 1800 2000
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (200 mA/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 7.9 Ω
TA = 25°C
50 100 150 200 250 300 350 400 450 500
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (500 mA/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 3.7 Ω
TA = 25°C
200 400 600 800 1000 1200 1400 1600 1800 2000
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 3.7 Ω
TA = 25°C
TPS2020
,, TPS2021
TPS2022, TPS2023, TPS2024
SLVS175C – DECEMBER 1998 – REVISED SEPTEMBER 2007
Figure 12. TPS2024, Inrush Current
Figure 13. 7.9-
Ω Load Connected to an Enabled TPS2020
Device
Figure 14. 3.7-
Ω Load Connected to an Enabled TPS2020
Figure 15. 3.7-
Ω Load Connected to an Enabled TPS2021
Device
Device
10
Submit Documentation Feedback
Copyright © 1998–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2020 TPS2021 TPS2022 TPS2023 TPS2024


Similar Part No. - TPS2021DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2021D TI-TPS2021D Datasheet
377Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
ATMEL Corporation
TPS2021D ATMEL-TPS2021D Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
More results

Similar Description - TPS2021DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com