Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL851CDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL851CDR
Description  SONAR RANGING CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL851CDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL851CDR Datasheet HTML 2Page - Texas Instruments TL851CDR Datasheet HTML 3Page - Texas Instruments TL851CDR Datasheet HTML 4Page - Texas Instruments TL851CDR Datasheet HTML 5Page - Texas Instruments TL851CDR Datasheet HTML 6Page - Texas Instruments TL851CDR Datasheet HTML 7Page - Texas Instruments TL851CDR Datasheet HTML 8Page - Texas Instruments TL851CDR Datasheet HTML 9Page - Texas Instruments TL851CDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TL851CD
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL851CDG4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL851CDG4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL851CDR
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL851CDR
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL851CDRG4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL851CDRG4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL851CN
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL851CN
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL851CNE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL851CNE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
PACKAGE OPTION ADDENDUM
www.ti.com
31-Jul-2006
Addendum-Page 1


Similar Part No. - TL851CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
More results

Similar Description - TL851CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
[Old version datasheet]   SONAR RANGING CONTROL
TL851 TI-TL851 Datasheet
82Kb / 6P
[Old version datasheet]   SONAR RANGING CONTROL
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
   Sonar Ranging Module
logo
Texas Instruments
TL852 TI1-TL852_12 Datasheet
586Kb / 12P
[Old version datasheet]   SONAR RANGING RECEIVER
logo
List of Unclassifed Man...
PW0268 ETC2-PW0268 Datasheet
534Kb / 14P
   Ultrasonic Sonar Ranging IC
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
   Back sonar for automotive
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE_18 Datasheet
346Kb / 4P
   Radar and sonar processing
ADLQM87HD ADL-ADLQM87HD_18 Datasheet
573Kb / 4P
   Radar and sonar processing
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
ams AG
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
   HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com