Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMAP3530DCUSA Datasheet(PDF) 8 Page - Texas Instruments

Part # OMAP3530DCUSA
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530DCUSA Datasheet(HTML) 8 Page - Texas Instruments

Back Button OMAP3530DCUSA Datasheet HTML 4Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 5Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 6Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 7Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 8Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 9Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 10Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 11Page - Texas Instruments OMAP3530DCUSA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 264 page
background image
Contents
OMAP3530/25 Applications Processor
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
www.ti.com
1
OMAP3530/25 Applications Processor
.............. 1
4.3
DPLL and DLL Specifications
...................... 141
1.1
Features
.............................................. 1
5
VIDEO DAC SPECIFICATIONS
..................... 147
1.2
Description
............................................ 4
5.1
Interface Description
............................... 147
5.2
Electrical Specifications Over Recommended
1.3
Functional Block Diagram
............................ 7
Operating Conditions
.............................. 149
Revision History
............................................... 9
5.3
Analog Supply (vdda_dac) Noise Requirements
.. 151
2
TERMINAL DESCRIPTION
............................ 10
5.4
External Component Value Choice
................ 152
2.1
Terminal Assignment
................................ 10
6
TIMING REQUIREMENTS AND SWITCHING
2.2
Pin Assignments
.................................... 14
CHARACTERISTICS
.................................. 153
2.3
Ball Characteristics
.................................. 27
6.1
Timing Test Conditions
............................ 153
2.4
Multiplexing Characteristics
......................... 86
6.2
Interface Clock Specifications
..................... 153
2.5
Signal Description
................................... 94
6.3
Timing Parameters
................................. 154
3
ELECTRICAL CHARACTERISTICS
................ 119
6.4
External Memory Interfaces
........................ 155
3.1
Power Domains
.................................... 119
6.5
Video Interfaces
.................................... 184
3.2
Absolute Maximum Ratings
........................ 121
6.6
Serial Communications Interfaces
................. 201
3.3
Recommended Operating Conditions
............. 123
6.7
Removable Media Interfaces
...................... 234
3.4
DC Electrical Characteristics
....................... 125
6.8
Test Interfaces
..................................... 249
3.5
Core Voltage Decoupling
.......................... 128
7
PACKAGE CHARACTERISTICS
.................... 255
3.6
Power-up and Power-down
........................ 130
7.1
Package Thermal Resistance
...................... 255
4
CLOCK SPECIFICATIONS
........................... 133
7.2
Device Support
..................................... 255
4.1
Input Clock Specifications
......................... 134
4.2
Output Clock Specifications
........................ 139
Contents
8
Submit Documentation Feedback


Similar Part No. - OMAP3530DCUSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3530DCUSA TI1-OMAP3530DCUSA Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
More results

Similar Description - OMAP3530DCUSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP3525-HIREL TI1-OMAP3525-HIREL_16 Datasheet
2Mb / 262P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processor
OMAP3530 TI1-OMAP3530_15 Datasheet
2Mb / 265P
[Old version datasheet]   OMAP3530 and OMAP3525 Applications Processors
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAP-L138 TI-OMAP-L138_15 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000??DSP ARM짰 Processor
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com